Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61582 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS61582
Description  DUAL T1/E1 LINE INTERFACE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61582 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS61582 Datasheet HTML 11Page - Cirrus Logic CS61582 Datasheet HTML 12Page - Cirrus Logic CS61582 Datasheet HTML 13Page - Cirrus Logic CS61582 Datasheet HTML 14Page - Cirrus Logic CS61582 Datasheet HTML 15Page - Cirrus Logic CS61582 Datasheet HTML 16Page - Cirrus Logic CS61582 Datasheet HTML 17Page - Cirrus Logic CS61582 Datasheet HTML 18Page - Cirrus Logic CS61582 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Data from the DIR is shifted out to J-TDO LSB
first.
Bypass Register: The Bypass register consists of
a single bit, and provides a serial path between
J-TDI and J-TDO, bypassing the BSR. This al-
lows bypassing specific devices during certain
board-level tests. This also reduces test access
times by reducing the total number of shifts re-
quired from J-TDI to J-TDO.
JTAG Instructions and Instruction Register (IR)
The instruction register (2 bits) allows the in-
struction to be shifted into the JTAG circuit. The
instruction selects the test to be performed or the
data register to be accessed or both. The valid
instructions are shifted in LSB first and are listed
below:
IR CODE
INSTRUCTION
00
EXTEST
01
SAMPLE/PRELOAD
10
IDCODE
11
BYPASS
EXTEST Instruction: The EXTEST instruction
allows testing of off-chip circuitry and board-
level interconnect. EXTEST connects the BSR to
the J-TDI and J-TDO pins. The normal path be-
tween the CS61582 logic and I/O pins is broken.
The signals on the output pins are loaded from
the BSR and the signals on the input pins are
loaded into the BSR.
SAMPLE/PRELOAD Instruction: The SAM-
PLE/PRELOAD instructions allows scanning of
the boundary-scan register without interfering
with the operation of the CS61582. This instruc-
tion connects the BSR to the J-TDI and J-TDO
pins. The normal path between the CS61582
logic and its I/O pins is maintained. The signals
on the I/O pins are loaded into the BSR. Addi-
tionally, this instruction can be used to latch
values into the digital output pins.
IDCODE Instruction: The IDCODE instruction
connects the device identification register to the
J-TDO pin. The IDCODE instruction is forced
into the instruction register during the Test-
L og i c- R ese t co nt r o l l e r st a t e. The defaul t
instruction is IDCODE after a device reset.
BYPASS Instruction: The BYPASS instruction
connects the minimum length bypass register be-
tween the J-TDI and J-TDO pins and allows data
to be shifted in the Shift-DR controller state.
Internal Testing Considerations
Note that the INTEST instruction is not sup-
ported because of the difficulty in performing
significant internal tests using JTAG.
The one test that could be easily performed us-
ing an arbitrary clock rate on TCLK and
REFCLK is a local loopback with jitter attenu-
ator disabled. However, this test provides limited
fault coverage and is only useful in determining
if the device had been catastrophically destroyed.
Alternatively, catastrophic destruction of the de-
vice and/or surrounding board traces can be
detected using EXTEST. Therefore, the INTEST
instruction provides limited testing capability
and was not included in the CS61582.
JTAG TAP Controller
Figure 11 shows the state diagram for the TAP
state machine. A description of each state fol-
lows. Note that the figure contains two main
branches to access either the data or instruction
BIT #(s)
FUNCTION
Total Bits
31-28
Version number
4
27-12
Part Number
16
11-1
Manufacturer Number
11
0
Constant Logic ’1’
1
Figure 10. Device Identification Register
MSB
LSB
31
28 27
12 11
1 0
00 00 00 00 00 00 00 00 00 11 00 00 11 00 1001
(4 bits)
(16 bits)
(11 bits)
DS224PP1
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com