Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLLFSD01LPH4 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DLLFSD01LPH4
Description  ULTRA LOW LEAKAGE SURFACE MOUNT FAST SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DLLFSD01LPH4 Datasheet(HTML) 1 Page - Diodes Incorporated

  DLLFSD01LPH4 Datasheet HTML 1Page - Diodes Incorporated DLLFSD01LPH4 Datasheet HTML 2Page - Diodes Incorporated DLLFSD01LPH4 Datasheet HTML 3Page - Diodes Incorporated DLLFSD01LPH4 Datasheet HTML 4Page - Diodes Incorporated DLLFSD01LPH4 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DLLFSD01LPH4
Document number: DS37663 Rev. 4 - 2
1 of 5
www.diodes.com
June 2015
© Diodes Incorporated
DLLFSD01LPH4
ULTRA LOW LEAKAGE SURFACE MOUNT FAST SWITCHING DIODE
Features
Ultra-Small, Leadless Surface Mount Package (1.0 x 0.6mm)
Ultra-Low Profile Package (0.4mm)
Fast Switching Speed, Fast Reverse Recovery Time
Ultra-Low Reverse Leakage Current (~ 5nA @ VR = 5V)
Very Low Capacitance (<1pF @ VR=0V)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: X2-DFN1006-2
Case
Material: Molded Plastic, “Green” Molding Compound;
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: Cathode Bar (See Marking Information)
Terminals: Finish - NiPdAu over Copper Leadframe;
Solderable per MIL-STD-202, Method 208
Weight: 0.001 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
DLLFSD01LPH4-7B
Standard
X2-DFN1006-2
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2
. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Bottom View
X2-DFN1006-2
A4 = Product Type Marking Code
Top View
Bar Denotes Cathode Side
X2-DFN1006-2
e4
1
2
Device Schematic


Similar Part No. - DLLFSD01LPH4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DLLFSD01LP3 DIODES-DLLFSD01LP3 Datasheet
412Kb / 5P
ULTRA LOW LEAKAGE SURFACE MOUNT FAST SWITCHING DIODE
May 2015
DLLFSD01LP3-7 DIODES-DLLFSD01LP3-7 Datasheet
412Kb / 5P
ULTRA LOW LEAKAGE SURFACE MOUNT FAST SWITCHING DIODE
May 2015
DLLFSD01LP3Q DIODES-DLLFSD01LP3Q Datasheet
575Kb / 5P
ULTRA LOW LEAKAGE SURFACE MOUNT FAST SWITCHING DIODE
March 2022 Rev. 2 - 2
DLLFSD01LP3Q-7 DIODES-DLLFSD01LP3Q-7 Datasheet
575Kb / 5P
ULTRA LOW LEAKAGE SURFACE MOUNT FAST SWITCHING DIODE
March 2022 Rev. 2 - 2
DLLFSD01LP3 DIODES-DLLFSD01LP3_15 Datasheet
412Kb / 5P
ULTRA LOW LEAKAGE SURFACE MOUNT FAST SWITCHING DIODE
Rev erse
More results

Similar Description - DLLFSD01LPH4

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMAD6001 CENTRAL-CMAD6001 Datasheet
187Kb / 2P
SURFACE MOUNT SILICON ULTRA LOW LEAKAGE SWITCHING DIODE
CMUDW6001 CENTRAL-CMUDW6001 Datasheet
546Kb / 2P
SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
CMDD6001 CENTRAL-CMDD6001_11 Datasheet
367Kb / 2P
SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
CMOD6001 CENTRAL-CMOD6001_11 Datasheet
494Kb / 2P
SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
logo
Diodes Incorporated
DLLFSD01LP3 DIODES-DLLFSD01LP3_15 Datasheet
412Kb / 5P
ULTRA LOW LEAKAGE SURFACE MOUNT FAST SWITCHING DIODE
Rev erse
logo
Central Semiconductor C...
CMAD6001 CENTRAL-CMAD6001_15 Datasheet
346Kb / 2P
SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
CMDD6001 CENTRAL-CMDD6001_15 Datasheet
367Kb / 2P
SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
logo
Diodes Incorporated
DLLFSD01LP3 DIODES-DLLFSD01LP3 Datasheet
412Kb / 5P
ULTRA LOW LEAKAGE SURFACE MOUNT FAST SWITCHING DIODE
May 2015
DLLFSD01T DIODES-DLLFSD01T Datasheet
368Kb / 5P
ULTRA LOW LEAKAGE SURFACE MOUNT FAST SWITCHING DIODE
June 2015
DLLFSD01LP3Q DIODES-DLLFSD01LP3Q Datasheet
575Kb / 5P
ULTRA LOW LEAKAGE SURFACE MOUNT FAST SWITCHING DIODE
March 2022 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com