Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS15771 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CS15771
Description  IESNA Type II (medium) beam
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS15771 Datasheet(HTML) 1 Page - Ledil, Inc.

  CS15771 Datasheet HTML 1Page - Ledil, Inc. CS15771 Datasheet HTML 2Page - Ledil, Inc. CS15771 Datasheet HTML 3Page - Ledil, Inc. CS15771 Datasheet HTML 4Page - Ledil, Inc. CS15771 Datasheet HTML 5Page - Ledil, Inc. CS15771 Datasheet HTML 6Page - Ledil, Inc. CS15771 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT
DATASHEET
CS15771_STRADA-2X2MX-8-T2
STRADA-2X2MX-8-T2
IESNA Type II (medium) beam applicable for
European P-class standard pedestrian lighting
and M-class roads. New revision.
TECHNICAL SPECIFICATIONS:
Dimensions
90x90 mm
Height
12.6 mm
Fastening
screw
Colour
clear
Box size
476 x 273 x 292 mm
Box weight
7.5 kg
Quantity in Box
156 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-2X2MX-8-T2
Lens array
PMMA
clear
STRADA-2X2MX-8-SEAL
Seal
Silicone
clear
Last update: 11/09/2017
Subject to change without prior notice
1/7
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CS15771

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS15750 LEDIL-CS15750 Datasheet
4Mb / 6P
Wide IESNA Type lV forward-throw beam for wide area lighting like car parks
logo
Cree, Inc
CS15751 CREE-CS15751 Datasheet
783Kb / 9P
Strada series
logo
Ledil, Inc.
CS15751 LEDIL-CS15751 Datasheet
3Mb / 11P
Universal road lighting (typically IESNA Type lll medium) beam
CS15759 LEDIL-CS15759 Datasheet
3Mb / 5P
~50째 wide beam. New revision.
CS15761 LEDIL-CS15761 Datasheet
4Mb / 6P
Type II/III (Long) beam for very wide pole to pole distances
More results

Similar Description - CS15771

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16374 LEDIL-C16374 Datasheet
1Mb / 4P
IESNA Type II (medium) beam
CS15870 LEDIL-CS15870 Datasheet
3Mb / 6P
IESNA Type II Medium beam
CS15911 LEDIL-CS15911 Datasheet
3Mb / 6P
IESNA Type II (medium) beam
CS16034 LEDIL-CS16034 Datasheet
3Mb / 6P
IESNA Type II (medium) beam
CA13509 LEDIL-CA13509 Datasheet
2Mb / 7P
IESNA Type II (medium) beam
CS13756 LEDIL-CS13756 Datasheet
3Mb / 6P
Universal road lighting (IESNA Type II medium) beam
CS15066 LEDIL-CS15066 Datasheet
4Mb / 6P
IESNA Type II (medium) beam applicable
C16751 LEDIL-C16751 Datasheet
3Mb / 4P
IESNA Type II (medium) beam
C15413 LEDIL-C15413 Datasheet
2Mb / 5P
IESNA Type II (medium) beam
FN14976 LEDIL-FN14976 Datasheet
7Mb / 15P
Universal road lighting (IESNA Type II Medium) beam
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com