Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS15871 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CS15871
Description  IESNA Type III Medium beam
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS15871 Datasheet(HTML) 1 Page - Ledil, Inc.

  CS15871 Datasheet HTML 1Page - Ledil, Inc. CS15871 Datasheet HTML 2Page - Ledil, Inc. CS15871 Datasheet HTML 3Page - Ledil, Inc. CS15871 Datasheet HTML 4Page - Ledil, Inc. CS15871 Datasheet HTML 5Page - Ledil, Inc. CS15871 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
CS15871_STRADA-IP-2X6-T3-L
STRADA-IP-2X6-T3-L
IESNA Type III Medium beam for long pole
distances
and
up
to
8x
mounting
height.
Suitable for European P-class and pathway
lighting
TECHNICAL SPECIFICATIONS:
Dimensions
173.0 x 71.4 mm
Height
13 mm
Fastening
screw
Colour
Box size
476 x 273 x 247 mm
Box weight
9 kg
Quantity in Box
120 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-IP-2X6-T3-L
PMMA
2X6-SEAL25
Seal
Silicone
white
Last update: 18/05/2018
Subject to change without prior notice
1/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CS15871

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS15870 LEDIL-CS15870 Datasheet
3Mb / 6P
IESNA Type II Medium beam
More results

Similar Description - CS15871

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16374 LEDIL-C16374 Datasheet
1Mb / 4P
IESNA Type II (medium) beam
CS16104 LEDIL-CS16104 Datasheet
3Mb / 6P
IESNA Type III (medium) beam
C16280 LEDIL-C16280 Datasheet
908Kb / 3P
IESNA Type III (medium) beam
CS15055 LEDIL-CS15055 Datasheet
7Mb / 6P
Universal road lighting (typically IESNA Type III medium) beam
C15540 LEDIL-C15540 Datasheet
2Mb / 4P
IESNA Type III (medium) beam
C14948 LEDIL-C14948 Datasheet
1Mb / 6P
IESNA Type III (medium) beam with minimized backlight.
CA14949 LEDIL-CA14949 Datasheet
2Mb / 8P
IESNA Type III (medium) beam with minimized backlight
CS14143 LEDIL-CS14143 Datasheet
5Mb / 17P
IESNA Type III (medium) beam for roads
CS16974 LEDIL-CS16974 Datasheet
3Mb / 5P
IESNA Type III (medium) beam with excellent backlight control
CS17255 LEDIL-CS17255 Datasheet
3Mb / 4P
IESNA Type III Medium beam for long pole distances
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com