Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS16102 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CS16102
Description  IESNA Type III (medium) beam for roads that are equal to or wider than mounting height
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS16102 Datasheet(HTML) 1 Page - Ledil, Inc.

  CS16102 Datasheet HTML 1Page - Ledil, Inc. CS16102 Datasheet HTML 2Page - Ledil, Inc. CS16102 Datasheet HTML 3Page - Ledil, Inc. CS16102 Datasheet HTML 4Page - Ledil, Inc. CS16102 Datasheet HTML 5Page - Ledil, Inc. CS16102 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
CS16102_STRADELLA-IP-28-T3
STRADELLA-IP-28-T3
IESNA Type III (medium) beam for roads that are
equal to or wider than mounting height. Variant
made from PMMA.
TECHNICAL SPECIFICATIONS:
Dimensions
100 x 100 mm
Height
9.2 mm
Fastening
pin, screw
Colour
clear
Box size
476 x 273 x 247 mm
Box weight
6.3 kg
Quantity in Box
156 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADELLA-IP-28-T3
Lens
PMMA
clear
STRADELLA-28-SEAL
Seal
Silicone
white
Last update: 11/05/2018
Subject to change without prior notice
1/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CS16102

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
TRIAC Dimmable LED Driver IC
CS1610 CIRRUS-CS1610 Datasheet
271Kb / 16P
TRIAC Dimmable LED Driver IC
logo
Transko Electronics, In...
CS1610 TRANSKO-CS1610 Datasheet
93Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (1.6 x 1.0 x 0.5mm)
Rev.1: Jul. 2014
logo
Ledil, Inc.
CS16104 LEDIL-CS16104 Datasheet
3Mb / 6P
IESNA Type III (medium) beam
logo
Cirrus Logic
CS1610A CIRRUS-CS1610A Datasheet
264Kb / 18P
TRIAC Dimmable LED Driver IC
More results

Similar Description - CS16102

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16503 LEDIL-C16503 Datasheet
3Mb / 5P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height
FP15752 LEDIL-FP15752 Datasheet
3Mb / 6P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height.
C14501 LEDIL-C14501 Datasheet
4Mb / 6P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height
C15982 LEDIL-C15982 Datasheet
2Mb / 7P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height.
CA14640 LEDIL-CA14640 Datasheet
1Mb / 5P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height.
C14029 LEDIL-C14029 Datasheet
1Mb / 5P
IESNA Type IV beam for wider roads and large outdoor areas
CA13688 LEDIL-CA13688 Datasheet
3Mb / 7P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height
CS15068 LEDIL-CS15068 Datasheet
4Mb / 6P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height
CS14143 LEDIL-CS14143 Datasheet
5Mb / 17P
IESNA Type III (medium) beam for roads
FN15180 LEDIL-FN15180 Datasheet
3Mb / 11P
IESNA Type III (medium) beam for roads that are equal
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com