Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS16401 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CS16401
Description  Double asymmetric beam designed to highlight pedestrian crossings for right side traffic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS16401 Datasheet(HTML) 1 Page - Ledil, Inc.

  CS16401 Datasheet HTML 1Page - Ledil, Inc. CS16401 Datasheet HTML 2Page - Ledil, Inc. CS16401 Datasheet HTML 3Page - Ledil, Inc. CS16401 Datasheet HTML 4Page - Ledil, Inc. CS16401 Datasheet HTML 5Page - Ledil, Inc. CS16401 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
CS16401_STRADA-IP-2X6-PX
STRADA-IP-2X6-PX
Double asymmetric beam designed to highlight
pedestrian crossings for right side traffic
TECHNICAL SPECIFICATIONS:
Dimensions
173x71.4 mm
Height
9.6 mm
Fastening
pin, screw
Colour
clear
Box size
476 x 273 x 247 mm
Box weight
7.7 kg
Quantity in Box
120 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-IP-2X6-PX
Lens array
PMMA
clear
2X6-SEAL25
Seal
Silicone
white
Last update: 12/02/2018
Subject to change without prior notice
1/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CS16401

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS16401 LEDIL-CS16401 Datasheet
941Kb / 14P
Strada Lens array
More results

Similar Description - CS16401

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16006 LEDIL-C16006 Datasheet
3Mb / 7P
Asymmetric IESNA Type I (short) beam designed for tilted poles
C16414 LEDIL-C16414 Datasheet
3Mb / 6P
Asymmetric IESNA Type I (short) beam designed for tilted poles.
CA16169 LEDIL-CA16169 Datasheet
2Mb / 5P
Double asymmetric beam designed to highlight pedestrian crossings for right side traffic.
C14896 LEDIL-C14896 Datasheet
6Mb / 7P
Fully asymmetric beam designed to highlight pedestrian crossings for left side traffic
C16168 LEDIL-C16168 Datasheet
2Mb / 5P
Double asymmetric beam designed to highlight pedestrian crossings for right side traffic.
C16663 LEDIL-C16663 Datasheet
2Mb / 4P
Double asymmetric beam for aisle and shelf lighting
F16858 LEDIL-F16858 Datasheet
2Mb / 6P
Double asymmetric beam for aisle and shelf lighting
FCA13329 LEDIL-FCA13329 Datasheet
4Mb / 8P
Asymmetric beam for billboards.
C16996 LEDIL-C16996 Datasheet
507Kb / 4P
Double asymmetric beam designed to highlight pedestrian crossings
C16045 LEDIL-C16045 Datasheet
2Mb / 5P
Asymmetric IESNA Type I (short) beam designed for tilted poles
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com