Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB107S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DB107S
Description  Single Phase 1.0 A Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DB107S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DB107S Datasheet HTML 1Page - List of Unclassifed Manufacturers DB107S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES ( DB101(S) THRU DB107(S) )
FIG . 1 -MAXIMUM DERATING CURVE FOROUTPUT
RECTIFIED CURRENT
FIG . 2 -MAXIMUM NON - REPETITIVE PEAK FORWARD
SURGE CURRENT
1.0
0.5
020
40
60
80
100
120
140 150
O
AMBIENT TEMPERATURE. ( C )
0.6"(1.5mm)
PCB
Copper Pauls
.51"x.51"
(13mmx13mm)
60Hz PESISTIVE
OR INDUCTIVE
LOAD
O
Tj = 25 C
Single Sine - Wave
JEDEC Method
60
50
40
30
20
10
01
2
4
6
10
20
40 6 0 100
NUMBER OF CYCLES AT 60Hz
FIG . 4 -TYPICAL FORWARDCHARACTERISTICS
PER BRIDGE ELEMENT
10
1
0.1
0.001
0.4
0.6
0.8
1.0
1.2
1.4
1.6
O
Tj = 25 C
PULSE WIDTH-300 S
2% DUTY CYCLE
FORWARD VOLTAGE .( V )
FIG . 5 -TYPICAL JUNCTION CAPACITANCE PER
BRIDGE ELEMENT
100
10
1
1.0
10
100
REVERSE VOLTAGE . (V )
O
Tj = 25 C
f = 1.0MHz
Vsig=50mVp-p
0
20
40
60 80
100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE .(%)
FIG . 3 -TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
100
10
1.0
.10
.01
UPM
Http://www.upm.com.tw
E -mail:upm.tw@msa.hinet.net
DB101(S) THRU DB107(S)
Single Phase 1.0 A Glass Passivated Bridge Rectifiers
Voltage Range 50 to 1000 Volts
Current 1.0 Ampere



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com