Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIN232 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HIN232
Description  5V Powered RS-232 Transmitters/Receivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIN232 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HIN232 Datasheet HTML 14Page - Renesas Technology Corp HIN232 Datasheet HTML 15Page - Renesas Technology Corp HIN232 Datasheet HTML 16Page - Renesas Technology Corp HIN232 Datasheet HTML 17Page - Renesas Technology Corp HIN232 Datasheet HTML 18Page - Renesas Technology Corp HIN232 Datasheet HTML 19Page - Renesas Technology Corp HIN232 Datasheet HTML 20Page - Renesas Technology Corp HIN232 Datasheet HTML 21Page - Renesas Technology Corp HIN232 Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
HIN232, HIN236, HIN237, HIN238, HIN239, HIN240, HIN241
FN3138 Rev 17.00
Page 21 of 22
August 6, 2015
Shrink Small Outline Plastic Packages (SSOP)
NOTES:
1. Symbols are defined in the “MO Series Symbol List” in Section 2.2
of Publication Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate
burrs. Mold flash, protrusion and gate burrs shall not exceed
0.20mm (0.0078 inch) per side.
4. Dimension “E” does not include interlead flash or protrusions.
Interlead flash and protrusions shall not exceed 0.20mm (0.0078
inch) per side.
5. The chamfer on the body is optional. If it is not present, a visual
index feature must be located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. Dimension “B” does not include dambar protrusion. Allowable
dambar protrusion shall be 0.13mm (0.005 inch) total in excess of
“B” dimension at maximum material condition.
10. Controlling dimension: MILLIMETER. Converted inch dimensions
are not necessarily exact.
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C A
M
BS
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
C
H
0.25(0.010)
B
M
M
0.25
0.010
GAUGE
PLANE
A2
M28.209 (JEDEC MO-150-AH ISSUE B)
28 LEAD SHRINK SMALL OUTLINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
-
0.078
-
2.00
-
A1
0.002
-
0.05
-
-
A2
0.065
0.072
1.65
1.85
-
B
0.009
0.014
0.22
0.38
9
C
0.004
0.009
0.09
0.25
-
D
0.390
0.413
9.90
10.50
3
E
0.197
0.220
5.00
5.60
4
e
0.026 BSC
0.65 BSC
-
H
0.292
0.322
7.40
8.20
-
L
0.022
0.037
0.55
0.95
6
N28
28
7
0°
8°
0°
8°
-
Rev. 2 6/05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com