Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA05CP Datasheet(PDF) 2 Page - Protek Devices

Part # DA05CP
Description  STANDARD CAPACITANCE TVS ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

DA05CP Datasheet(HTML) 2 Page - Protek Devices

  DA05CP Datasheet HTML 1Page - Protek Devices DA05CP Datasheet HTML 2Page - Protek Devices DA05CP Datasheet HTML 3Page - Protek Devices DA05CP Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.protekdevices.com
05001.R7 1/05
DA05N
thru
DA24CP
DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Operating Temperature
SYMBOL
VALUE
-55°C to 150°C°C
°C
-55°C to 150°C
UNITS
T
J
TSTG
PARAMETER
Storage Temperature
Peak Pulse Power (t
p = 8/20µs) - See Figure 1
P
PP
800
Watts
Forward Surge Rating (See Note 1)
Amps
10
IF
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(See Note 1)
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ I
P = 10A
V
C
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@8/20µs
VC @ IPP
TYPICAL
CAPACITANCE
@0V, 1 MHz
C
J
pF
DA05N
DA12N
DA15N
DA24N
DA05P
DA12P
DA15P
DA24P
DA05CN
DA12CN
DA15CN
DA24CN
DA05CP
DA12CP
DA15CP
DA24CP
6.0
13.3
16.7
26.7
6.0
13.3
16.7
26.7
6.0
13.3
16.7
26.7
6.0
13.3
16.7
26.7
12.5
26.0
33.0
52.1
12.5
26.0
33.0
52.1
12.5
26.0
33.0
52.1
12.5
26.0
33.0
52.1
24.6V @ 45A
32.9V @ 34A
37.7V @ 27A
48.5V @ 22A
24.6V @ 45A
32.9V @ 34A
37.7V @ 27A
48.5V @ 22A
24.6V @ 45A
32.9V @ 34A
37.7V @ 27A
48.5V @ 22A
24.6V @ 45A
32.9V @ 34A
37.7V @ 27A
48.5V @ 22A
880
440
400
275
880
440
400
275
500
385
300
200
500
385
300
200
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
200
2
2
2
200
2
2
2
200
2
2
2
200
2
2
2
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
5.0
12.0
15.0
24.0
5.0
12.0
15.0
24.0
5.0
12.0
15.0
24.0
5.0
12.0
15.0
24.0
Note 1: The “C” suffix specifies a bidirectional device, such as DA05CN or DA12CP.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com