Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIN232ACBZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HIN232ACBZ
Description  High Speed 5V Powered RS-232 Transmitters/Receivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIN232ACBZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  HIN232ACBZ Datasheet HTML 1Page - Renesas Technology Corp HIN232ACBZ Datasheet HTML 2Page - Renesas Technology Corp HIN232ACBZ Datasheet HTML 3Page - Renesas Technology Corp HIN232ACBZ Datasheet HTML 4Page - Renesas Technology Corp HIN232ACBZ Datasheet HTML 5Page - Renesas Technology Corp HIN232ACBZ Datasheet HTML 6Page - Renesas Technology Corp HIN232ACBZ Datasheet HTML 7Page - Renesas Technology Corp HIN232ACBZ Datasheet HTML 8Page - Renesas Technology Corp HIN232ACBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
HIN232A
FN4316 Rev 1.00
Page 3 of 10
March 13, 2006
Absolute Maximum Ratings
Thermal Information
VCC to Ground. . . . . . . . . . . . . . . . . . . . . . (GND -0.3V) <VCC < 6V
V+ to Ground . . . . . . . . . . . . . . . . . . . . . . . . (VCC -0.3V) <V+ < 12V
V- to Ground. . . . . . . . . . . . . . . . . . . . . . . . -12V < V- < (GND +0.3V)
Input Voltages
TIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V < VIN < (V+ +0.3V)
RIN 30V
Output Voltages
TOUT . . . . . . . . . . . . . . . . . . . .(V- -0.3V) < VTXOUT < (V+ +0.3V)
ROUT . . . . . . . . . . . . . . . . . (GND -0.3V) < VRXOUT < (V+ +0.3V)
Short Circuit Duration
TOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Continuous
ROUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Continuous
ESD Classification . . . . . . . . . . . . . . . . . . . . See Specification Table
Thermal Resistance (Typical, Note 1)
JA (oC/W)
16 Ld SOIC (N) Package . . . . . . . . . . . . . . . . . . . . .
105
16 Ld SOIC (W) Package. . . . . . . . . . . . . . . . . . . . .
110
16 Ld PDIP Package* . . . . . . . . . . . . . . . . . . . . . . .
85
Maximum Junction Temperature (Plastic Package) . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
(SOIC - Lead Tips Only)
*Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications.
Operating Conditions
Temperature Range
HIN232ACX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Test Conditions: VCC = +5V 10%, C1-C4 = 0.1F; TA = Operating Temperature Range
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY CURRENTS
Power Supply Current, ICC
No Load, TA = 25oC-
5
10
mA
LOGIC AND TRANSMITTER INPUTS, RECEIVER OUTPUTS
Input Logic Low, VlL
TIN
--
0.8
V
Input Logic High, VlH
TIN
2.0
-
-
V
Transmitter Input Pullup Current, IP
TIN = 0V
-
15
200
A
TTL/CMOS Receiver Output Voltage Low, VOL
IOUT = 3.2mA
-
0.1
0.4
V
TTL/CMOS Receiver Output Voltage High, VOH
IOUT = -1mA
3.5
4.6
-
V
RECEIVER INPUTS
RS-232 Input Voltage Range, VIN
-30
-
+30
V
Receiver Input Impedance, RIN
VIN = 3V, TA = 25oC
3.0
5.0
7.0
k
Receiver Input Low Threshold, VIN (H-L)
VCC = 5V, TA = 25oC-
1.2
-
V
Receiver Input High Threshold, VIN (L-H)
VCC = 5V, TA = 25oC-
1.7
2.4
V
Receiver Input Hysteresis, VHYST
VCC = 5V
0.2
0.5
1.0
V
TIMING CHARACTERISTICS
Transmitter, Receiver Propagation Delay, tPD
-0.5
10
s
Transition Region Slew Rate, SRT
RL = 3k, CL = 1000pF, Measured from +3V to
-3V or -3V to +3V, (Note 2) 1 Transmitter Switching
320
45
V/
s
TRANSMITTER OUTPUTS
Output Voltage Swing, TOUT
Transmitter Outputs, 3k
 to Ground
5
9
10
V
Output Resistance, TOUT
VCC = V+ = V- = 0V, VOUT = 2V
300
-
-
RS-232 Output Short Circuit Current, ISC
TOUT Shorted to GND
-
10
-
mA
ESD PERFORMANCE
RS-232 Pins
(TOUT, RIN)
Human Body Model
-
15
-
kV
IEC1000-4-2 Contact Discharge
-
8-
kV
IEC1000-4-2 Air Gap (Note 3)
-
15
-
kV
All Other Pins
Human Body Model
-
2-
kV
NOTES:
2. Guaranteed by design.
3. Meets level 4.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com