Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DN2470 Datasheet(PDF) 2 Page - Supertex, Inc

Part # DN2470
Description  N-CHANNEL DEPLETION - MODE VERTICAL DMOS FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

DN2470 Datasheet(HTML) 2 Page - Supertex, Inc

  DN2470 Datasheet HTML 1Page - Supertex, Inc DN2470 Datasheet HTML 2Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DN2470
Rev. 1
011105
2
Thermal Characteristics
Package
ID(continuous)*
ID(pulsed)
Power Dissipation
@ TA=25°C
θ
JC
°C/W
θ
JA
°C/W
IDR*
IDRM
TO-252
170mA
500mA
2.5W**
6.25
50**
170mA
500mA
* ID(continuous) is limited by maximum rated TJ of 150°C
** Mounted on FR4, 25mm x 25mm x 1.57mm
Electrical Characteristics (@25°C unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
BVDSX
Drain-to-Source
Breakdown Voltage
700
V
VGS=-5V, ID=100µA
VGS(OFF)
Gate-to-Source OFF Voltage
-1.5
-3.5
V
VDS=25V, ID=10µA
∆V
GS(OFF)
Change in VGS(OFF) with Temperature
4.5
mV/°C
VDS=25V, ID=10µA
IGSS
Gate Body Leakage
100
nA
VGS=±20V, VDS=0V
1.0
µA
VGS=-10V, VDS=Max Rating
ID(OFF)
Drain-to-Source Leakage Current
1.0
mA
VGS=-10V, VDS=0.8 Max
Rating, TA=125°C
IDSS
Saturated Drain-to-source Current
500
mA
VGS=0V, VDS=25V
RDS(ON)
Static Drain-to-Source ON-State Resistance
42
VGS=0V, ID=100mA
∆R
DS(ON)
Change in RDS(ON) with Temperature
1.1
%/°C
VGS=0V, ID=100mA
GFS
Forward Transconductance
100
mmho
ID=100mA, VDS=10V
CISS
Input Capacitance
540
COSS
Common Source Output Capacitance
60
CRSS
Reverse Transfer Capacitance
25
pF
VGS=-10V, VDS=25V
f=1MHz
td(ON)
Turn-ON Delay Time
30
tr
Rise Time
45
td(OFF)
Turn-Off Delay Time
45
tf
Fall Time
60
ns
VDD=25V,
ID=100mA,
RGEN=25 Ω
VSD
Diode Forward Voltage Drop
1.8
V
VGS=0V, ISD=200mA
trr
Reverse Recovery Time
800
ns
VGS=0V, ISD=200mA
Notes:
1) All DC parameters 100% tested at 25°C unless otherwise stated. (Pulsed test: 300µs pulse at 2% duty cycle.)
2) All AC parameters sample tested.
Switching Waveforms and Test Circuit
RGEN
Input
Pulse
Generator
VDD
RL
D.U.T
OUTPUT
0V
-10V
V
DD
t
d(OFF)
Input
Output
t
r
t
f
t
d(ON)
t
(ON)
t
(OFF)
10%
90%
90%
10%
90%
10%
0V
Doc# DSFP-DN2470
NR011905



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com