Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCN11106 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FCN11106
Description  ~10째 x 40째 oval beam optimized for LUXEON Rebel. 14.3 mm high assembly
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FCN11106 Datasheet(HTML) 1 Page - Ledil, Inc.

  FCN11106 Datasheet HTML 1Page - Ledil, Inc. FCN11106 Datasheet HTML 2Page - Ledil, Inc. FCN11106 Datasheet HTML 3Page - Ledil, Inc. FCN11106 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
FCN11106_LR1-O-90
LR1-O-90
~10° x 40° oval beam optimized for LUXEON
Rebel. 14.3 mm high assembly. Variant with
beam direction rotated 90°.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 21.6 mm
Height
14.3 mm
Fastening
glue
Colour
white
Box size
Box weight
0 kg
Quantity in Box
1632 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LR1-O-90
Lens
PMMA
clear
LR-LH1
Holder
PC
white
Last update: 04/06/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FCN11106

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FCN11102 LEDIL-FCN11102 Datasheet
1Mb / 4P
~10째 x 40째 oval beam optimized for Seoul P4. 14.65 mm high assembly
logo
Cree, Inc
FCN11103 CREE-FCN11103 Datasheet
79Kb / 2P
Leila series
logo
Ledil, Inc.
FCN11104 LEDIL-FCN11104 Datasheet
4Mb / 4P
~10째 x 40째 oval beam optimized for CREE XR-E. 16.5 mm high assembly.
logo
Cree, Inc
FCN11107 CREE-FCN11107 Datasheet
79Kb / 2P
Leila series
More results

Similar Description - FCN11106

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11640 LEDIL-CA11640 Datasheet
2Mb / 4P
~10째 x 40째 oval beam optimized for LUXEON Rebel. 14.5 mm high assembly with installation tape.
CA12629 LEDIL-CA12629 Datasheet
4Mb / 6P
~10째 x 40째 oval beam optimized for LUXEON Rebel ES. 14.8 mm high assembly with installation tape.
CP12405 LEDIL-CP12405 Datasheet
2Mb / 4P
~10째 x 40째 oval beam optimized for Nichia NCSxx19A. 14.3 mm high assembly
CP12415 LEDIL-CP12415 Datasheet
1Mb / 5P
~10째 x 40째 oval beam optimized for Osram Oslon Square EC. 14.3 mm high assembly.
FCA11275 LEDIL-FCA11275 Datasheet
2Mb / 4P
~40째 wide beam optimized for LUXEON Rebel. 14.3 mm high assembly with installation tape.
FCN11738 LEDIL-FCN11738 Datasheet
1Mb / 4P
~8.5째 spot beam optimized for LUXEON Rebel. 14.3 mm high assembly.
FCN11458 LEDIL-FCN11458 Datasheet
1Mb / 4P
~30째 medium beam optimized for LUXEON Rebel. 14.3 mm high assembly.
FCN10804 LEDIL-FCN10804 Datasheet
1Mb / 4P
~9.6째 spot beam optimized for LUXEON Rebel. 14.3 mm high assembly.
FCN10890 LEDIL-FCN10890 Datasheet
1Mb / 4P
~40째 wide beam optimized for LUXEON Rebel. 14.3 mm high assembly.
CX11364 LEDIL-CX11364 Datasheet
5Mb / 4P
~40째 x 12째 oval beam optimized for LUXEON Rebel
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com