Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7126CPL Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICL7126CPL
Description  3 1/2 Digit, Low Power, Single Chip A/D Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7126CPL Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICL7126CPL Datasheet HTML 6Page - Renesas Technology Corp ICL7126CPL Datasheet HTML 7Page - Renesas Technology Corp ICL7126CPL Datasheet HTML 8Page - Renesas Technology Corp ICL7126CPL Datasheet HTML 9Page - Renesas Technology Corp ICL7126CPL Datasheet HTML 10Page - Renesas Technology Corp ICL7126CPL Datasheet HTML 11Page - Renesas Technology Corp ICL7126CPL Datasheet HTML 12Page - Renesas Technology Corp ICL7126CPL Datasheet HTML 13Page - Renesas Technology Corp ICL7126CPL Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ICL7216
FN3084 Rev.5.00
Page 10 of 15
Oct 25, 2004
Component Value Selection
Integrating Resistor
Both the buffer amplifier and the integrator have a class A
output stage with 6
A of quiescent current. They can supply
~1
A of drive current with negligible nonlinearity. The
integrating resistor should be large enough to remain in this
very linear region over the input voltage range, but small
enough that undue leakage requirements are not placed on
the PC board. For 2V full-scale, 1.8M
 is near optimum and
similarly a 180k
 for a 200mV scale.
Integrating Capacitor
The integrating capacitor should be selected to give the
maximum voltage swing that ensures tolerance build-up will not
saturate the integrator swing (approximately. 0.3V from either
supply). When the analog COMMON is used as a reference, a
nominal
2V full-scale integrator swing is fine. For three
readings/second (48kHz clock) nominal values for ClNT are
0.047
F, for 1/s (16kHz) 0.15F. Of course, if different oscillator
frequencies are used, these values should be changed in
inverse proportion to maintain the same output swing.
The integrating capacitor should have a low dielectric
absorption to prevent roll-over errors. While other types may
be adequate for this application, polypropylene capacitors give
undetectable errors at reasonable cost.
At three readings/sec, a 750
 resistor should be placed in
series with the integrating capacitor, to compensate for
comparator delay.
Auto-Zero Capacitor
The size of the auto-zero capacitor has some influence on the
noise of the system. For 200mV full-scale where noise is very
important, a 0.32
F capacitor is recommended. On the 2V
scale, a 0.33
F capacitor increases the speed of recovery from
overload and is adequate for noise on this scale.
Reference Capacitor
A 0.1
F capacitor gives good results in most applications.
However, where a large common mode voltage exists (i.e., the
REF LO pin is not at analog COMMON) and a 200mV scale is
used, a larger value is required to prevent roll-over error.
Generally 1
F will hold the roll-over error to 0.5 count in this
instance.
Oscillator Components
For all ranges of frequency a 50pF capacitor is recommended
and the resistor is selected from the approximation equation
Reference Voltage
The analog input required to generate full-scale output (2000
counts) is: VlN = 2VREF. Thus, for the 200mV and 2V scale,
VREF should equal 100mV and 1V, respectively. However, in
many applications where the A/D is connected to a transducer,
there will exist a scale factor other than unity between the input
voltage and the digital reading. For instance, in a weighing
system, the designer might like to have a full-scale reading when
the voltage from the transducer is 0.682V. Instead of dividing the
input down to 200mV, the designer should use the input voltage
directly and select VREF = 0.341V. Suitable values for integrating
resistor 330k
. This makes the system slightly quieter and also
avoids a divider network on the input. Another advantage of this
system occurs when a digital reading of zero is desired for VIN
0. Temperature and weighing systems with a variable fare are
examples. This offset reading can be conveniently generated by
connecting the voltage transducer between IN HI and COMMON
and the variable (or fixed) offset voltage between COMMON and
IN LO.
Typical Applications
The ICL7126 may be used in a wide variety of configurations.
The circuits which follow show some of the possibilities, and
serve to illustrate the exceptional versatility of these A/D
converters.
The following application notes contain very useful information
on understanding and applying this part and are available from
Intersil Corporation.
Application Notes
f
0.45
RC
----------- For 48kHz clock (3 readings/sec), R = 180k
NOTE #
DESCRIPTION
AN016
“Selecting A/D Converters”
AN017
“The Integrating A/D Converter”
AN018
“Do’s and Don’ts of Applying A/D Converters”
AN023
“Low Cost Digital Panel Meter Designs”
AN032
“Understanding the Auto-Zero and Common Mode
Performance of the ICL7136/7/9 Family”
AN046
“Building a Battery-Operated Auto Ranging DVM with
the ICL7106”
AN052
“Tips for Using Single-Chip 31/2 Digit A/D Converters”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com