Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7136CPL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICL7136CPL
Description  31/2 Digit LCD, Low Power Display, A/D Converter with Overrange Recovery
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7136CPL Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICL7136CPL Datasheet HTML 1Page - Renesas Technology Corp ICL7136CPL Datasheet HTML 2Page - Renesas Technology Corp ICL7136CPL Datasheet HTML 3Page - Renesas Technology Corp ICL7136CPL Datasheet HTML 4Page - Renesas Technology Corp ICL7136CPL Datasheet HTML 5Page - Renesas Technology Corp ICL7136CPL Datasheet HTML 6Page - Renesas Technology Corp ICL7136CPL Datasheet HTML 7Page - Renesas Technology Corp ICL7136CPL Datasheet HTML 8Page - Renesas Technology Corp ICL7136CPL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ICL7136
FN3086 Rev 6.00
Page 4 of 15
July 21, 2005
Typical Applications and Test Circuits
FIGURE 1. ICL7136 TEST CIRCUIT AND TYPICAL APPLICATION WITH LCD DISPLAY COMPONENTS SELECTED FOR 200mV FULL SCALE
DISPLAY
DISPLAY
C1
C2
C3
C4
R3
R1
R4
C5
+
-
IN
R5
R2
ICL7136
C1 = 0.1F
C2 = 0.47F
C3 = 0.047F
C4 = 50pF
C5 = 0.01F
R1 = 240k
R2 = 180k
R3 = 180k
R4 = 10k
R5 = 1M
9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com