Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E424IDT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # E424IDT
Description  T-1 (3MM) CYLINDRICAL LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

E424IDT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  E424IDT Datasheet HTML 1Page - List of Unclassifed Manufacturers E424IDT Datasheet HTML 2Page - List of Unclassifed Manufacturers E424IDT Datasheet HTML 3Page - List of Unclassifed Manufacturers E424IDT Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
E424-1/4
www.eLED.com
DATA NO :EA0110
REV NO :V1
DATE :AUG/29/2001
Package Dimensions
E424IDT
HIGH EFFICIENCY RED
E424EDT
ORANGE
E424GDT
GREEN
E424YDT
YELLOW
E424SRDT
SUPER BRIGHT RED
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subject to change without notice.
Description
The High Efficiency Red and Orange source color devices are made with Gallium Arsenide Phosphide on Gallium
Phosphide Orange Light Emitting Diode.
The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light
Emitting Diode.
The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode.
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. * Luminous intensity with asterisk is measured at 20mA.
T-1 (3mm) CYLINDRICAL LED
LAMPS
Features
1.CYLINDRICAL TYPE, TOP DIFFUSED.
2.LOW POWER CONSUMPTION.
3.I.C. COMPATIBLE.
4.RELIABLE AND RUGGED.
5.LONG LIFE - SOLID STATE RELIABILITY.
6.AVAILABLE ON TAPE AND REEL.
.
o
N
t
r
a
P
r
o
l
o
C
g
n
i
t
t
i
m
E
l
a
i
r
e
t
a
M
+
λλλλλ
)
m
n
(
D
e
p
y
T
s
n
e
L
)
d
c
m
(
v
I
@A
m
0
2
*
A
m
0
1
g
n
i
w
e
i
V
e
l
g
n
A
.
n
i
M.
p
y
T2θθθθθ 2
/
1
T
D
I
4
2
4
EP
a
G
/
P
s
A
a
G5
2
6D
E
S
U
F
F
I
D
D
E
R3
5
°
0
0
1
T
D
E
4
2
4
EP
a
G
/
P
s
A
a
G5
2
6D
E
S
U
F
F
I
D
E
G
N
A
R
O3
5
°
0
0
1
T
D
G
4
2
4
EP
a
G8
6
5D
E
S
U
F
F
I
D
N
E
E
R
G1
4
°
0
0
1
T
D
Y
4
2
4
EP
a
G
/
P
s
A
a
G8
8
5D
E
S
U
F
F
I
D
W
O
L
L
E
Y1
4
°
0
0
1
T
D
R
S
4
2
4
Es
A
l
A
a
G0
4
6D
E
S
U
F
F
I
D
D
E
R0
4
*0
0
1
*°
0
0
1


Similar Part No. - E424IDT

ManufacturerPart #DatasheetDescription
logo
NEC
E424 NEC-E424 Datasheet
1Mb / 2P
NEC E Series LCD Large Format Displays
More results

Similar Description - E424IDT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-1334 KINGBRIGHT-L-1334 Datasheet
220Kb / 7P
T-1 (3mm) CYLINDRICAL LED LAMPS
L-424 KINGBRIGHT-L-424 Datasheet
186Kb / 6P
T-1(3mm) CYLINDRICAL LED LAMPS
WP424EDT KINGBRIGHT-WP424EDT Datasheet
262Kb / 6P
T-1 (3mm) CYLINDRICAL LED LAMP
WP424GDT KINGBRIGHT-WP424GDT Datasheet
262Kb / 6P
T-1 (3mm) CYLINDRICAL LED LAMP
WP424HDT KINGBRIGHT-WP424HDT Datasheet
262Kb / 6P
T-1 (3mm) CYLINDRICAL LED LAMP
WP424IDT KINGBRIGHT-WP424IDT Datasheet
263Kb / 6P
T-1 (3mm) CYLINDRICAL LED LAMP
L-483 KINGBRIGHT-L-483 Datasheet
793Kb / 5P
T-1 (3mm) CYLINDRICAL LED LAMPS
WP424GDT KINGBRIGHT-WP424GDT_15 Datasheet
320Kb / 6P
T-1(3mm) CYLINDRICAL LED LAMP
WP424HDT KINGBRIGHT-WP424HDT_15 Datasheet
320Kb / 6P
T-1 (3mm) CYLINDRICAL LED LAMP
WP424SRDT KINGBRIGHT-WP424SRDT_15 Datasheet
319Kb / 6P
T-1(3mm) CYLINDRICAL LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com