Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DV200-27012S/ML Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # DV200-27012S/ML
Description  HIGH RELIABILITY DC-DC CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DV200-27012S/ML Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button DV200-27012S/ML Datasheet HTML 2Page - List of Unclassifed Manufacturers DV200-27012S/ML Datasheet HTML 3Page - List of Unclassifed Manufacturers DV200-27012S/ML Datasheet HTML 4Page - List of Unclassifed Manufacturers DV200-27012S/ML Datasheet HTML 5Page - List of Unclassifed Manufacturers DV200-27012S/ML Datasheet HTML 6Page - List of Unclassifed Manufacturers DV200-27012S/ML Datasheet HTML 7Page - List of Unclassifed Manufacturers DV200-27012S/ML Datasheet HTML 8Page - List of Unclassifed Manufacturers DV200-27012S/ML Datasheet HTML 9Page - List of Unclassifed Manufacturers DV200-27012S/ML Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DV200-27000S Series
15006DSA
7
OUTPUT VOLTAGE TRIM
+
-
+
-
2.5V
Ri
50
10K
50
15K
+V OUT
PIN 6
+S
PIN 7
TRIM
PIN 8
-S
PIN 9
OUT COM
PIN 10
(TRIM DOWN)
R-TRIM
(TRIM UP)
R-TRIM
The output voltage can be trimmed down by
connecting a resistor between the TRIM pin
(PIN 8) and the +V OUT pin (PIN 6), or can
be trimmed up by connecting a resistor
between the TRIM pin (PIN 8) and the OUT
COM pin (PIN 10). The maximum trim
range is +10% up and –20% down. The
appropriate resistor values versus the
output voltage are given in the trim table
below.
Figure 6 – Output Voltage Trim
DV200-2703R3S
DV200-27005S
DV200-27012S
DV200-27015S
DV200-27028S
+VOUT
(V)
RTRIM (Ω)
+VOUT
(V)
RTRIM (Ω)
+VOUT
(V)
RTRIM (Ω)
+VOUT
(V)
RTRIM (Ω)
+VOUT
(V)
RTRIM (Ω)
3.60
68.3k
5.5
35k
13.2
5.8k
16.50
1.7k
30.5
1.9k
3.55
85k
5.4
47.5k
13.0
10k
16.25
5k
30
6.2k
3.50
110k
5.3
68.3k
12.8
16.2k
16.00
10k
29.5
13.2k
3.45
151.7k
5.2
110k
12.6
26.6k
15.75
18.3k
29
27.3k
3.40
235k
5.1
235k
12.4
47.3k
15.50
35k
28.5
69.7k
3.35
485k
5.0
-
12.2
109k
15.25
85k
28
-
3.30
-
4.9
225k
12.0
-
15.00
-
27.5
832k
3.25
135k
4.8
100k
11.8
454k
14.75
475k
27
400k
3.20
55k
4.7
58.3k
11.6
213k
14.50
225k
26.5
256k
3.15
28.3k
4.6
37.5k
11.4
134k
14.25
142k
26
184k
3.10
15k
4.5
25k
11.2
94k
14.00
100k
25.5
141k
3.05
7k
4.4
16.7k
11.0
70.1k
13.75
75k
25
112k
3.00
1.7k
4.3
10.7k
10.8
54.3k
13.50
58.3k
24.5
91.4k
4.2
6.3k
10.6
42.9k
13.25
46.4k
24
76k
4.1
2.8k
10.4
34.4k
13.00
37.5k
23.5
64k
4.0
0
10.2
27.8k
12.75
30.6k
23
54.4k
10.0
22.5k
12.50
25k
22.5
46.6k
9.8
18.2k
12.25
20.5k
9.6
14.6k
12.00
16.7k



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com