Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DV200-27015S/ML Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # DV200-27015S/ML
Description  HIGH RELIABILITY DC-DC CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DV200-27015S/ML Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button DV200-27015S/ML Datasheet HTML 2Page - List of Unclassifed Manufacturers DV200-27015S/ML Datasheet HTML 3Page - List of Unclassifed Manufacturers DV200-27015S/ML Datasheet HTML 4Page - List of Unclassifed Manufacturers DV200-27015S/ML Datasheet HTML 5Page - List of Unclassifed Manufacturers DV200-27015S/ML Datasheet HTML 6Page - List of Unclassifed Manufacturers DV200-27015S/ML Datasheet HTML 7Page - List of Unclassifed Manufacturers DV200-27015S/ML Datasheet HTML 8Page - List of Unclassifed Manufacturers DV200-27015S/ML Datasheet HTML 9Page - List of Unclassifed Manufacturers DV200-27015S/ML Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DV200-27000S Series
15006DSA
9
PACKAGE PIN DESCRIPTION
Pin
Function
Description
1
IN COM
Input Common Connection
2
SYNC OUT
Output Synchronization Signal
3
SHARE
Current Share
4
INH /
SYNC IN
Logic Low = Disabled Output. Unconnected or open collector TTL or Square-wave
Synchronization Signal = Enabled Output.
5
270V IN
Positive Input Voltage Connection
6
+V OUT
Positive Output Voltage Connection
7
+S
Positive Sense
8
TRIM
Trim Output Voltage to +10%, -20% of Nominal Value
9
-S
Return Sense
10
OUT COM
Output Common Connection
ENVIRONMENTAL SCREENING
Screening
MIL-STD-883
Standard
(No Suffix)
Military
/ML
Pre-Cap Inspection
IPC-A-610 Class III
•
•
Temperature Cycling
-55°C, 100°C, 10 cycles
•
Burn-In
96 hours at +100°C
12 hours at +100°C
•
•
Final Electrical
100% at -55°C, 25°C, 100°C
1
100% at 25°C
•
•
Final Inspection
Method 2009
•
•
Note: 1. 100% R&R testing at –55°C, +25°C, and +100°C with all test data included in product
shipment.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com