Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS25R12KT3 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # FS25R12KT3
Description  EconoPACK2 Modul mit schnellem Trench
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FS25R12KT3 Datasheet(HTML) 4 Page - Infineon Technologies AG

  FS25R12KT3 Datasheet HTML 1Page - Infineon Technologies AG FS25R12KT3 Datasheet HTML 2Page - Infineon Technologies AG FS25R12KT3 Datasheet HTML 3Page - Infineon Technologies AG FS25R12KT3 Datasheet HTML 4Page - Infineon Technologies AG FS25R12KT3 Datasheet HTML 5Page - Infineon Technologies AG FS25R12KT3 Datasheet HTML 6Page - Infineon Technologies AG FS25R12KT3 Datasheet HTML 7Page - Infineon Technologies AG FS25R12KT3 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
TechnischeInformation/TechnicalInformation
FS25R12KT3
IGBT-Module
IGBT-modules
preparedby:MK
approvedby:RS
dateofpublication:2013-02-27
revision:2.1
VorläufigeDaten
PreliminaryData
AusgangskennlinieIGBT,Wechselrichter(typisch)
outputcharacteristicIGBT,Inverter(typical)
IC=f(VCE)
VGE=15V
VCE [V]
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
0
5
10
15
20
25
30
35
40
45
50
Tvj = 25°C
Tvj = 125°C
AusgangskennlinienfeldIGBT,Wechselrichter(typisch)
outputcharacteristicIGBT,Inverter(typical)
IC=f(VCE)
Tvj=125°C
VCE [V]
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
4,5
5,0
0
5
10
15
20
25
30
35
40
45
50
VGE = 19V
VGE = 17V
VGE = 15V
VGE = 13V
VGE = 11V
VGE = 9V
ÜbertragungscharakteristikIGBT,Wechselrichter(typisch)
transfercharacteristicIGBT,Inverter(typical)
IC=f(VGE)
VCE=20V
VGE [V]
5
6
7
8
9
10
11
12
0
5
10
15
20
25
30
35
40
45
50
Tvj = 25°C
Tvj = 125°C
SchaltverlusteIGBT,Wechselrichter(typisch)
switchinglossesIGBT,Inverter(typical)
Eon=f(IC),Eoff=f(IC)
VGE=±15V,RGon=36
Ω,RGoff=36Ω,VCE=600V
IC [A]
0
5
10
15
20
25
30
35
40
45
50
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
4,5
5,0
5,5
6,0
Eon, Tvj = 125°C
Eoff, Tvj = 125°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com