Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8323IBZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL8323IBZ
Description  Low-Voltage, Single Supply, Dual SPST Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8323IBZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL8323IBZ Datasheet HTML 1Page - Renesas Technology Corp ISL8323IBZ Datasheet HTML 2Page - Renesas Technology Corp ISL8323IBZ Datasheet HTML 3Page - Renesas Technology Corp ISL8323IBZ Datasheet HTML 4Page - Renesas Technology Corp ISL8323IBZ Datasheet HTML 5Page - Renesas Technology Corp ISL8323IBZ Datasheet HTML 6Page - Renesas Technology Corp ISL8323IBZ Datasheet HTML 7Page - Renesas Technology Corp ISL8323IBZ Datasheet HTML 8Page - Renesas Technology Corp ISL8323IBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ISL8323, ISL8324, ISL8325
FN6023 Rev 2.00
Page 2 of 11
October 7, 2015
Pinouts (Note 1)
ISL8323 (SOIC)
TOP VIEW
ISL8324 (SOIC)
TOP VIEW
ISL8325 (SOIC)
TOP VIEW
NOTE:
1. Switches Shown for Logic “0” Input.
NO1
COM1
IN2
GND
V+
COM2
NO2
IN1
6
7
8
5
1
2
3
4
NC1
COM1
IN2
GND
V+
COM2
NC2
IN1
6
7
8
5
1
2
3
4
NO1
COM1
IN2
GND
V+
COM2
NC2
IN1
6
7
8
5
1
2
3
4
Truth Table
LOGIC
ISL8323
ISL8324
ISL8325
SW 1,2
SW 1,2
SW 1
SW 2
0OFF
ON
OFF
ON
1ON
OFF
ON
OFF
NOTE: Logic “0”
 0.8V. Logic “1” 2.4V.
Pin Descriptions
PIN
FUNCTION
V+
System Power Supply Input (+2.7V to +12V)
GND
Ground Connection
IN
Digital Control Input
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
Ordering Information
PART NO.
(BRAND)
(Notes 2, 3)
TEMP.
RANGE (oC)
PACKAGE
RoHS Compliant
PKG. DWG.
#
ISL8323IBZ
-40 to 85
8 Ld SOIC
M8.15
ISL8324IBZ
(No longer
available,
recommended
replacement:
ISL8323IBZ)
-40 to 85
8 Ld SOIC
M8.15
ISL8325IBZ
(No longer
available,
recommended
replacement:
ISL8323IBZ)
-40 to 85
8 Ld SOIC
M8.15
NOTES:
2. Add “-T” suffix to part number for tape and reel packaging.
3. Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J Std-020B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com