Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8490IBZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL8490IBZ
Description  5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8490IBZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL8490IBZ Datasheet HTML 1Page - Renesas Technology Corp ISL8490IBZ Datasheet HTML 2Page - Renesas Technology Corp ISL8490IBZ Datasheet HTML 3Page - Renesas Technology Corp ISL8490IBZ Datasheet HTML 4Page - Renesas Technology Corp ISL8490IBZ Datasheet HTML 5Page - Renesas Technology Corp ISL8490IBZ Datasheet HTML 6Page - Renesas Technology Corp ISL8490IBZ Datasheet HTML 7Page - Renesas Technology Corp ISL8490IBZ Datasheet HTML 8Page - Renesas Technology Corp ISL8490IBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ISL8483, ISL8485, ISL8488, ISL8489, ISL8490, ISL8491
FN6046 Rev 9.00
Page 2 of 18
February 16, 2016
TABLE 1. SUMMARY OF FEATURES
PART
NUMBER
HALF/FULL
DUPLEX
NO. OF DEVICES
ALLOWED ON BUS
DATA
RATE
(Mbps)
SLEW-RATE
LIMITED?
RECEIVER/
DRIVER
ENABLE?
QUIESCENT
ICC (A)
LOW POWER
SHUTDOWN?
PIN
COUNT
ISL8483
(No longer
available or
supported)
Half
32
0.25
Yes
Yes
160
Yes
8
ISL8485
Half
32
5
No
Yes
500
No
8
ISL8488 (No
longer
available or
supported)
Full
32
0.25
Yes
No
160
No
8
ISL8489 (No
longer
available or
supported
Full
32
0.25
Yes
Yes
160
No
14
ISL8490
Full
32
5
No
No
500
No
8
ISL8491
Full
32
5
No
Yes
500
No
14
Ordering Information
PART NUMBER
PART MARKING
TEMP. RANGE (°C)
PACKAGE
PKG. DWG. #
ISL8483IPZ (Note) (No longer
available, recommended
replacement ISL3152EIPZ)
ISL8483IPZ
-40 to 85
8 Ld PDIP* (Pb-free)
E8.3
ISL8485CBZ (Note)
8485CBZ
0 to 70
8 Ld SOIC(Pb-free)
M8.15
ISL8485CBZ-T (Note)
8485CBZ
8 Ld SOIC Tape and Reel (Pb-free)
M8.15
ISL8485CPZ (Note)
ISL8485CPZ
0 to 70
8 Ld PDIP* (Pb-free)
E8.3
ISL8485IBZ (Note)
8485IBZ
-40 to 85
8 Ld SOIC (Pb-free)
M8.15
ISL8485IB-T
8485IB
8 Ld SOIC Tape and Reel
M8.15
ISL8485IBZ-T (Note)
8485IBZ
8 Ld SOIC Tape and Reel (Pb-free)
M8.15
ISL8485IP
ISL8485IP
-40 to 85
8 Ld PDIP
E8.3
ISL8485IPZ (Note)
ISL8485IPZ
-40 to 85
8 Ld PDIP* (Pb-free)
E8.3
ISL8488IBZ (Note) (No longer
available, recommended
replacement ISL8488EIBZ)
8488IBZ
-40 to 85
8 Ld SOIC (Pb-free)
M8.15
ISL8488IPZ (Note) (No longer
available, recommended
replacement ISL3152EIPZ)
ISL8488IPZ
-40 to 85
8 Ld PDIP* (Pb-free)
E8.3
ISL8489IP
(No longer available, no
recommended replacement )
ISL8489IP
-40 to 85
14 Ld PDIP
E14.3
ISL8490IBZ (Note)
8490IBZ
-40 to 85
8 Ld SOIC (Pb-free)
M8.15
ISL8490IBZ-T (Note)
8490IBZ
8 Ld SOIC Tape and Reel (Pb-free)
M8.15
ISL8491IBZ (Note)
8491IBZ
-40 to 85
14 Ld SOIC (Pb-free)
M14.15
ISL8491IBZ-T (Note)
8491IBZ
14 Ld SOIC Tape and Reel (Pb-free)
M14.15
*Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com