Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32F10 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 32F10
Description  EMERGING DISPLAY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

32F10 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 32F10 Datasheet HTML 2Page - List of Unclassifed Manufacturers 32F10 Datasheet HTML 3Page - List of Unclassifed Manufacturers 32F10 Datasheet HTML 4Page - List of Unclassifed Manufacturers 32F10 Datasheet HTML 5Page - List of Unclassifed Manufacturers 32F10 Datasheet HTML 6Page - List of Unclassifed Manufacturers 32F10 Datasheet HTML 7Page - List of Unclassifed Manufacturers 32F10 Datasheet HTML 8Page - List of Unclassifed Manufacturers 32F10 Datasheet HTML 9Page - List of Unclassifed Manufacturers 32F10 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
E M E R G I N G
D I S P L A Y
MODEL NO
.
VERSION
PAGE
TECHNOLOGIES CORPORATION
32F10(CCFL TYPES)
2
2
3 .
ABSOLUTE MAXIMUM RATINGS
3 . 1
ELECTRICAL ABSOLUTE MAXIMUM RATINGS .
PARAMETER
SYMBOL
MIN .
MAX .
UNIT
REMARK
POWER SUPPLY
FOR LOGIC
VDD ― VSS
0
6
. 0
V
POWER SUPPLY
FOR
LCD DRIVING
VDD ― VEE
0
27 . 0
V
INPUT VOLTAGE
VI
VSS
VDD
V
STATIC ELECTRICITY
1 0 0
V
NOTE ( 1 )
NOTE ( 1 ) : TEST METHOD AND CONDITIONS :
AFTER CHARGING UP 200 PF CAPACITOR BY STATED VOLTAGE ,
THE CAPACITOR IS CONNECTED WITH INTERFACE PINS OF THE
MODULE .
3 . 2
ENVIRONMENTAL ABSOLUTE MAXIMUM RATINGS .
I T E M
OPERATING
STORAGE
REMARK
MIN .MAX .
MIN .MAX .
AMBIENT TEMPERATURE
- 1 0 ℃
6 0 ℃
- 2 0 ℃
7 0 ℃
NOTE ( 2 ),( 3 ),( 4 )
HUMIDITY
―
8 5 % RH
―
8 5 % RH
WITHOUT
CONDENSATION
VIBRATION
―
2 . 45 m /s2
( 0 . 25 G )
―
11 . 76 m /s2
( 1 . 2 G )
10〜100 HZ XYZ
DIRECTIONS
1 Hr . EACH
SHOCK
―
2 9 . 4 m /s2
( 3 G )
―
490 . 0 m /s2
( 5 0 G )
10 mSECONDS
XYZ
DIRECTIONS
1 TIME EACH
CORROSIVE GAS
NOT ACCEPTABLE
NOT ACCEPTABLE
NOTE ( 2 ) : Ta AT -20℃ : 48HR MAX .
70℃ : 168HR MAX .
NOTE ( 3 ) : BACKGROUND COLOR CHANGES SLIGHTLY DEPENDING ON AMBIENT
TEMPERATURE THIS PHENOMENON IS REVERSIBLE .
NOTE ( 4 ) : CCFL BACKLIGHT IS NOT AVAILABLE TO FUNCTION BELOW 0℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com