Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE593 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE593
Description  Silicon Diode, High Speed Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE593 Datasheet(HTML) 1 Page - NTE Electronics

  NTE593 Datasheet HTML 1Page - NTE Electronics NTE593 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE593
Silicon Diode, High Speed Switch
Description:
The NTE593 is a silicon epitaxial high–speed diode in an SOT–23 type surface mount package. This
device is intended for high–speed switching in hybrid thick–film circuits.
Absolute Maximum Ratings:
Continuous Reverse Voltage, VR
75V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Repetitive Peak Reverse Voltage, VRRM
85V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Non–Repetitive Peak Forward Current (t = 1s), IFSM
500mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Average Rectified Forward Current (Average over any 20ms period, Note 1), IF(Av)
250mA
. . . . . .
DC Forward Current (TA ≤ +25°C, Note 2), IF
250mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Repetitive Peak Forward Current, IFRM
250mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Power Dissipation (TA ≤ +25°C), Ptot
200mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Ambient (Note 2), RthJA
430K/W
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. Measured under pulse conditions: tp ≤ 0.5ms, IF(AV) = 150mA, t(av) ≤ 1ms, for sinusoidal
operation.
Note 2. Mounted on a ceramic substrate of .314 (8mm) x .393 (10mm) x .027 (0.7mm).
Electrical Characteristics: (TJ = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Forward Voltage
VF
IF = 1mA
715
mV
IF = 10mA
855
mV
IF = 50mA
1000
mV
IF = 150mA
1250
mV
Reverse Current
IR
VR = 75V
1
µA
VR = 75V, TJ = +150°C
50
µA
Diode Capacitance
Cd
VR = 0, f = 1MHz
2
pF
Reverse Recovery Time
(When switched from
IF = 30mA to IR = 30mA
trr
measured at IR = 1mA,
RL = 100Ω
6
ns
Recovery Charge
(When switched from
IF = 10mA to VR = 5V
Qs
RL = 100Ω
45
pC


Similar Part No. - NTE593

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5932 NTE-NTE5932 Datasheet
24Kb / 2P
Silicon Power Rectifier Diode, 20 Amp
NTE5933 NTE-NTE5933 Datasheet
24Kb / 2P
Silicon Power Rectifier Diode, 20 Amp
More results

Similar Description - NTE593

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BAS19 ZETEX-BAS19 Datasheet
35Kb / 2P
SILICON HIGH SPEED SWITCHING DIODE
logo
Siemens Semiconductor G...
BGX50A SIEMENS-BGX50A Datasheet
101Kb / 4P
Silicon Switching Diode Array (Bridge configuration High-speed switch diode chip)
logo
List of Unclassifed Man...
CD4531 ETC-CD4531 Datasheet
145Kb / 2P
HIGH SPEED SILICON SWITCHING DIODE
logo
NTE Electronics
NTE631 NTE-NTE631 Datasheet
60Kb / 2P
Silicon Rectifier Diode High−Speed Switch (Surface Mount)
logo
TRANSYS Electronics Lim...
1N4150 TEL-1N4150 Datasheet
128Kb / 2P
HIGH SPEED SILICON SWITCHING DIODE
logo
Continental Device Indi...
CD4531 CDIL-CD4531 Datasheet
232Kb / 3P
HIGH SPEED SILICON SWITCHING DIODE
1N4150 CDIL-1N4150 Datasheet
223Kb / 3P
HIGH SPEED SILICON SWITCHING DIODE
1N4148 CDIL-1N4148 Datasheet
180Kb / 4P
HIGH SPEED SILICON SWITCHING DIODE
logo
Central Semiconductor C...
CMPD914E CENTRAL-CMPD914E_15 Datasheet
469Kb / 2P
HIGH SPEED SILICON SWITCHING DIODE
CMSD4448 CENTRAL-CMSD4448_15 Datasheet
469Kb / 2P
HIGH SPEED SILICON SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com