Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8209WBRMZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8209WBRMZ-R7
Description  High Voltage, Precision Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8209WBRMZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8209WBRMZ-R7 Datasheet HTML 1Page - Analog Devices AD8209WBRMZ-R7 Datasheet HTML 2Page - Analog Devices AD8209WBRMZ-R7 Datasheet HTML 3Page - Analog Devices AD8209WBRMZ-R7 Datasheet HTML 4Page - Analog Devices AD8209WBRMZ-R7 Datasheet HTML 5Page - Analog Devices AD8209WBRMZ-R7 Datasheet HTML 6Page - Analog Devices AD8209WBRMZ-R7 Datasheet HTML 7Page - Analog Devices AD8209WBRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8209WBRMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
High Voltage,
Precision Difference Amplifier
Data Sheet
AD8209
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2009–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
±8000 V HBM ESD for shunt-based applications
AEC-Q100 qualified
EMI filters included
High common-mode voltage range
−2 V to +45 V operating
−24 V to +80 V survival
Buffered output voltage
Gain = 14 V/V
Low-pass filter (single-pole or two-pole)
Wide operating temperature range
−40°C to +125°C for WB grade
−40°C to +150°C for WH grade
Excellent ac and dc performance
±1 mV voltage offset
−5 ppm/°C typical gain drift
80 dB CMRR minimum dc to 10 kHz
Qualified for automotive applications
APPLICATIONS
High-side current sensing
Motor controls
Solenoid controls
Power management
Low-side current sensing
Diagnostic protection
FUNCTIONAL BLOCK DIAGRAM
OUT
IN+
IN–
GND
VS
+
AD8209
G = 2
G = 7
A1
A2
+
EMI
FILTER
EMI
FILTER
EMI
FILTER
Figure 1.
GENERAL DESCRIPTION
The AD8209 is a single-supply difference amplifier ideal for
amplifying and low-pass filtering small differential voltages in the
presence of a large common-mode voltage. The input common-
mode voltage range extends from −2 V to +45 V at a single +5 V
supply. The AD8209 is qualified per AEC-Q100 specifications. The
amplifier offers enhanced input overvoltage and ESD protection,
and includes EMI filtering.
Automotive applications demand robust, precision components for
improved system control. The AD8209 provides excellent ac and dc
performance, minimizing errors in the application. Typical offset
and gain drift in the MSOP package are less than 5 µV/°C and
10 ppm/°C, respectively. The device also delivers a minimum
CMRR of 80 dB from dc to 10 kHz.
The AD8209 features an externally accessible 100 kΩ resistor at
the output of the preamplifier (A1), which can be used for low-
pass filtering and for establishing gains other than 14.


Similar Part No. - AD8209WBRMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8209WBRMZ-R7 AD-AD8209WBRMZ-R7 Datasheet
318Kb / 16P
High Voltage, Precision Difference Amplifier
REV. 0
More results

Similar Description - AD8209WBRMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8209 AD-AD8209 Datasheet
318Kb / 16P
High Voltage, Precision Difference Amplifier
REV. 0
AD8208 AD-AD8208 Datasheet
335Kb / 16P
High Voltage, Precision Difference Amplifier
REV. A
logo
Texas Instruments
LMP8270 TI1-LMP8270 Datasheet
438Kb / 17P
Precision Voltage Difference Amplifier
LMP8271 TI1-LMP8271 Datasheet
449Kb / 17P
Bidirectional Precision Voltage Difference Amplifier
LMP8272 TI1-LMP8272 Datasheet
357Kb / 16P
Precision Voltage Difference Amplifier
LMP8275 TI1-LMP8275 Datasheet
392Kb / 15P
Precision Voltage Difference Amplifier
LMP8276 TI1-LMP8276 Datasheet
412Kb / 16P
Bidirectional Precision Voltage Difference Amplifier
logo
Analog Devices
AD8209A AD-AD8209A Datasheet
454Kb / 15P
High Voltage, Precision Difference Amplifier
11/2016-Rev. 0 to Rev. A
AD8202-KGD AD-AD8202-KGD Datasheet
143Kb / 8P
High Voltage, Precision Difference Amplifier
Rev. 0
AD8208 AD-AD8208_V01 Datasheet
344Kb / 20P
High Voltage, Precision Difference Amplifier
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com