Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2Y0A02 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP2Y0A02
Description  LONG DISTANCE MEASURING SENSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2Y0A02 Datasheet(HTML) 1 Page - Sharp Corporation

  GP2Y0A02 Datasheet HTML 1Page - Sharp Corporation GP2Y0A02 Datasheet HTML 2Page - Sharp Corporation GP2Y0A02 Datasheet HTML 3Page - Sharp Corporation GP2Y0A02 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GP2Y0A02YK
GP2Y0A02YK
I Absolute Maximum Ratings
I Recommended Operating Conditions
I Outline Dimensions
(Unit : mm)
Long Distance Measuring
Sensor
I Features
1. Less influence on the colors of reflected objects and their
reflectivity, due to optical triangle measuring method
2. Distance output type
(Detection range:20 to 150cm)
3. An external control circuit is not necessary
Output can be connected directly to a microcomputer
*1 Open collector output
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
V
Operating temperature
Topr
−10 to +60
°C
−0.3 to VCC +0.3 V
−0.3 to +7
Output terminal voltage
VO
*1
Storage temperature
Tstg
−40 to +70
°C
(Ta
=25°C)
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet
Internet address for Electronic Components Group http://sharp-world.com/ecg/
Parameter
Symbol
Rating
Unit
VCC
4.5 to 5.5
V
Operating Supply voltage
1. For detection of human body and various types of objects in
home appliances, OA equipment, etc
I Applications
37
4-R1.75
R3.75
Light emitter
side
29.5
#4.475
φ3.2
#19.8±
0.1
φ3.2
R3.75
Light detector
side
4-R1.75
10.1
Lens case
Connector
PWB
3.3
1.2
8.95
10.45
1
2
3
VO
GND
VCC
❈ The dimensions marked # are
described the dimensions of
lens center position.
❈ Unspecified tolerance : ±0.3mm
Terminal connection
1
3


Similar Part No. - GP2Y0A02

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2Y0A02YK0F SHARP-GP2Y0A02YK0F Datasheet
696Kb / 9P
Distance Measuring Sensor Unit Measuring distance: 20 to 150 cm Analog output type
More results

Similar Description - GP2Y0A02

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2D02 SHARP-GP2D02 Datasheet
49Kb / 4P
Compact, High Sensitive Distance Measuring Sensor
GP2D120 SHARP-GP2D120 Datasheet
414Kb / 10P
DISTANCE MEASURING SENSOR
logo
Omron Electronics LLC
E2K-C OMRON-E2K-C Datasheet
122Kb / 6P
Long-distance capacitive proximity sensor
logo
Sharp Corporation
GP2D150A SHARP-GP2D150A Datasheet
47Kb / 4P
General Purpose Distance Measuring Sensor
logo
Omron Electronics LLC
E2K-C25ME1 OMRON-E2K-C25ME1 Datasheet
389Kb / 6P
Long-distance Capacitive Proximity Sensor
E2KC25MY1 OMRON-E2KC25MY1 Datasheet
373Kb / 18P
Adjustable Long-distance Sensor
logo
List of Unclassifed Man...
PRD18-7DN ETC2-PRD18-7DN Datasheet
188Kb / 5P
Long sensing distance proximity sensor
logo
Sharp Corporation
GP2Y0A60SZ0F SHARP-GP2Y0A60SZ0F Datasheet
690Kb / 10P
Distance Measuring Sensor Unit
GP2Y0A51SK0F SHARP-GP2Y0A51SK0F Datasheet
966Kb / 8P
Distance Measuring Sensor Unit
GP2Y0E03 SHARP-GP2Y0E03 Datasheet
743Kb / 11P
Distance Measuring Sensor Unit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com