Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B0540W Datasheet(PDF) 4 Page - Diodes Incorporated

Part # B0540W
Description  0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B0540W Datasheet(HTML) 4 Page - Diodes Incorporated

  B0540W Datasheet HTML 1Page - Diodes Incorporated B0540W Datasheet HTML 2Page - Diodes Incorporated B0540W Datasheet HTML 3Page - Diodes Incorporated B0540W Datasheet HTML 4Page - Diodes Incorporated B0540W Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
B0540W
Document number: DS30138 Rev. 11 - 2
4 of 5
www.diodes.com
October 2016
© Diodes Incorporated
B0540W
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
c
He
E
b D
All 7°
All R0.10
0
L
A
A1
All R0.10
0
All 7°
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOD123
Dim
Min
Max
Typ
A
1.00
1.35
1.05
A1
0.00
0.10
0.05
b
0.52
0.62
0.57
c
0.10
0.15
0.11
D
1.40
1.70
1.55
E
2.55
2.85
2.65
He
3.55
3.85
3.65
L
0.25
0.40
0.30
a
0º
8º
--
All Dimensions in mm
Dimensions Value (in mm)
X
0.900
X1
4.050
Y
0.950
Y
X
X1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com