Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTP50NPV Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HTP50NPV
Description  PCB Mounting Hall Effect Current Transformer Type HTP50NPV
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HTP50NPV Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HTP50NPV Datasheet HTML 1Page - List of Unclassifed Manufacturers HTP50NPV Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Speciality Magnetic Components
QUALIFIED to ISO STANDARD
PCB Mounting Hall Effect Current Transformer Type HTP50NPV
The HTP50NPV is a compact, multiple primary turn closed loop Hall Effect Current Transformer suitable for
measuring currents up to 50A. It is designed for those applications where connection to the primary circuit is
made directly on the printed circuit board.
The product provides an output current, galvanically isolated from the primary conductor into an external load
resistance. All contacts, including the primary are designed for PCB mounting.
Features
Benefits
• High Accuracy
• Small PCB Footprint
• 2.5 kV Proof Stress
• Galvanic Isolation
• Fast Response
• Ease of assembly
• All Contacts via PCB
• High Reliability
• Designed in Quality
• Wide Dynamic Range
Applications
• Variable Speed Drives
• Overcurrent Protection
• UPS Systems
• Robotics
• D.C. Power Supplies
• Frequency Inverters
• Low Frequency Current Measurement
• Power Factor Monitoring


Similar Part No. - HTP50NPV

ManufacturerPart #DatasheetDescription
logo
Picker Components
HTP50 PICKER-HTP50 Datasheet
415Kb / 1P
Heat Transfer Pad
logo
ABB
HTP500-BA4 ABB-HTP500-BA4 Datasheet
459Kb / 4P
Connexion Accessories for Starting Solutions Accessories for AF09 ... AF38 3-pole Contactors
logo
E+E Elektronik Ges.m.b....
HTP501 EPLUSE-HTP501 Datasheet
1Mb / 8P
Digital Humidity and Temperature Probe up to 120 °C (248 °F)
05-2023
More results

Similar Description - HTP50NPV

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OHN3113U OPTEK-OHN3113U Datasheet
335Kb / 2P
Hallogic Hall Effect Sensors Type
logo
List of Unclassifed Man...
S21Z100D15 ETC2-S21Z100D15 Datasheet
195Kb / 3P
Hall Effect Current Sensors
logo
Micronas
CUR3105 MICRONAS-CUR3105 Datasheet
257Kb / 2P
Hall-Effect Current Transducer
logo
List of Unclassifed Man...
S26P200D15Y ETC2-S26P200D15Y Datasheet
549Kb / 2P
Hall Effect Current Sensors
logo
Winson Semiconductor Co...
WCS1301 WINSON-WCS1301 Datasheet
404Kb / 4P
Hall Effect Base Current Switch
logo
Unisonic Technologies
SK1816 UTC-SK1816_15 Datasheet
278Kb / 8P
BIPOLAR LATCH TYPE HALL EFFECT
SK1816A UTC-SK1816A Datasheet
171Kb / 5P
BIPOLAR LATCH TYPE HALL EFFECT
SK1816M UTC-SK1816M Datasheet
200Kb / 6P
BIPOLAR LATCH TYPE HALL EFFECT
U18 UTC-U18_15 Datasheet
62Kb / 6P
BIPOLAR LATCH TYPE HALL EFFECT
logo
DIWELL Electronics Co.,...
WCS1301 DIWELL-WCS1301 Datasheet
398Kb / 4P
Hall Effect Base Current Switch
2015/2/6
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com