Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A7F Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A7F
Description  SCSI Thumbwheel Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A7F Datasheet(HTML) 2 Page - Omron Electronics LLC

  A7F Datasheet HTML 1Page - Omron Electronics LLC A7F Datasheet HTML 2Page - Omron Electronics LLC A7F Datasheet HTML 3Page - Omron Electronics LLC A7F Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A7F
A7F
38
Specifications
Ratings/Characteristics
Switching capacity
1 mA to 0.1 A at 5 VDC
Carry current
1 A max.
Contact resistance
1
Ω max.
Insulation resistance
10 M
Ω min. (at 250 VAC) between terminals of same polarity
100 M
Ω min. (at 500 VDC) between each terminal and ground
Dielectric strength
250 VAC, 50/60 Hz for 0.2 s between terminals of same polarity
1,000 VAC, 50/60 Hz for 0.2 s between each terminal and ground
Vibration resistance
10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
500 m/s2 (approx. 50G) min.
Life expectancy
Mechanical: 2,000 steps min.
Electrical:
2,000 steps min.
Ambient temperature
Operating: –10
°C to 70°C (with no icing)
Storage:
–20
°C to 80°C (with no icing)
Ambient humidity
Operating: 85% max. (with no icing or condensation)
Max. operating force
3.43 N (350 gf)
Operation
Output Code
Connector terminal no.
1
2
3
4
5
Switch terminal no.
–
C
1
2
4
Thumbwheel
Position
Indication
Connection to C (COM) terminal
0
0
1
1
ON
2
2
ON
3
3
ON
ON
4
4
ON
5
5
ON
ON
6
6
ON
ON
7
7
ON
ON
ON



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com