Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8GS Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A8GS
Description  Minimum size class in the industry Rocker switch with reset function
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A8GS Datasheet(HTML) 2 Page - Omron Electronics LLC

  A8GS Datasheet HTML 1Page - Omron Electronics LLC A8GS Datasheet HTML 2Page - Omron Electronics LLC A8GS Datasheet HTML 3Page - Omron Electronics LLC A8GS Datasheet HTML 4Page - Omron Electronics LLC A8GS Datasheet HTML 5Page - Omron Electronics LLC A8GS Datasheet HTML 6Page - Omron Electronics LLC A8GS Datasheet HTML 7Page - Omron Electronics LLC A8GS Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A8GS
2
Note: 1. [ V ] is shown at the end of model name for TV-8 approved models. (Example : A8GS-P1185V, A8GS-C1185V, A8GS-D1185V)
Note: 2. TV-8 approved model is only for Power switch circuit.
Note: 3. [ 3 ] is shown at the end of model name for reset voltage 3.3 VDC models. (Example : A8GS-P1183).
[ 5 ] is shown at the end of model name for reset voltage 5 VDC models. (Example : A8GS-P1185).
2. Without Reset function type
Note: 4. These models are without reset function, it has same function with standard Rocker switch.
Ratings
Contact Ratings
Note: 1. The above ratings were tested under the following conditions:
(1) Ambient temperature : 20
± 2 °C
(2) Ambient humidity
: 65
± 5 % RH
(3) Switching frequency : 7 times/min
Reset Coil Ratings
Note: 1. Voltage for coil should be set within operating voltage range and applied time should be within rated usage cycle.
Otherwise the performance of the coil may be deteriorated.
Note: 2. In case of applying voltage within the range from 5.5 to 24 VDC to the coil, contact your OMRON sales representative.
Contact Form
1 to 4: Power contact terminal
+, -: Coil terminal
DPST
Quantity
per box
Power contact terminal
× 2
Terminals
Quick-connect terminals
#187 (t=0.8)
Solder terminals
Reset voltage
5V model
3.3V model
5V model
3.3V model
Marking on caps
No Marking
A8GS-D1185
A8GS-D1183
A8GS-D1115
A8GS-D1113
50
A8GS-D1285
A8GS-D1283
A8GS-D1215
A8GS-D1213
A8GS-D1385
A8GS-D1383
A8GS-D1315
A8GS-D1313
Contact Form
1 to 4: Power contact terminal
a, b: Micro load contact terminal
SPST
DPST
Quantity
per box
Micro load contact
terminal
× 1
Power contact terminal
× 1
Power contact terminal
× 2
Terminals
CT Connector
Quick-connect
terminals
#187 (t=0.8)
Solder
terminals
Quick-connect
terminals
#187 (t=0.8)
Solder
terminals
Marking on caps
No Marking
A8GS-S1100
A8GS-P1180
A8GS-P1110
A8GS-D1180
A8GS-D1110
50
A8GS-S1200
A8GS-P1280
A8GS-P1210
A8GS-D1280
A8GS-D1210
A8GS-S1300
A8GS-P1380
A8GS-P1310
A8GS-D1380
A8GS-D1310
Contact Form
1 to 2 Power contact terminal
a, b: Micro load contact terminal
DPST
Quantity
per box
Micro load contact terminal
× 1 + Power contact terminal × 1
Terminals
Micro load contact terminal : CT Connector
Power contact terminal : Quick-connect
terminals #187 (t=0.8)
Micro load contact terminal : CT Connector
Power contact terminal : Solder terminals
Marking on caps
No Marking
A8GS-C1180
A8GS-C1110
50
A8GS-C1280
A8GS-C1210
A8GS-C1380
A8GS-C1310
Rated voltage
Rated current
(Resistive load)
Power contact terminal
125 VAC
16 A
250 VAC
10 A
Micro load contact terminal
5 VDC
0.2 A
Model
Rated voltage,
current
Operating
voltage range
Rated usage cycle
Coil resistance
(Coil temperature: 20
± 2 °C)
Reset voltage : 5V model
(A8GS-
@@@@5)
5VDC 455 mA
4.5 to 5.5 VDC
ON: 50 to 100 ms
OFF: Min 5 sec
11
Ω ± 20 %
Reset voltage : 3.3V model
(A8GS-
@@@@3)
3.3VDC 300 mA
3.0 to 3.6 VDC
ON: 50 to 100 ms
OFF: Min 5 sec
11
Ω ± 20 %
+
34
-
12
a
b
12
34
12
a
b
12



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com