Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL211 Datasheet(PDF) 1 Page - Integral Corp.

Part # IL211
Description  Highly Flexible Voltage Comparators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL211 Datasheet(HTML) 1 Page - Integral Corp.

  IL211 Datasheet HTML 1Page - Integral Corp. IL211 Datasheet HTML 2Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
1
High Performance Voltage Comparators
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC + VEE
Total Supply Voltage
36
V
VO - VEE
Output to Negative Supply Voltage
40
V
VEE
Ground to Negative Supply Voltage
30
V
VID
Input Differential Voltage
± 30
V
VIN
Input Voltage (Note)
± 15
V
-
Voltage at Strobe Pin
VCC to VCC - 5
V
PD
1/
θ
JA
Power Dissipation and Thermal Characteristics
Plastic Dual In-Line Packages
Derate above TA =+25°C
625
5.0
mW
mW/
°C
TJ(max)
Operating Junction Temperature
+150
°C
Tstg
Storage Temperature Range
-60 to +150
°C
Note: This rating applies for
±15 volt supplies. The positive input voltage limit is 30 volts above the negative
supply. The negative input voltage limit is equal to the negative supply voltage or 30 volts below the
positive supply, whichever is less.
IL311
ORDERING INFORMATION
IL311N Plastic
IL311D SOIC
TA = -45°C to 85°C for
all packages
LOGIC DIAGRAM
Input polarity is reversed when GND pin is used as an output.
PIN ASSIGNMENT


Similar Part No. - IL211

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL211 SIEMENS-IL211 Datasheet
44Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
logo
List of Unclassifed Man...
IL211 ETC1-IL211 Datasheet
47Kb / 3P
SMALL OUTLINE OPTICALLY COUPLED ISOLATOR TRANSISTOR OUTPUT
logo
Siemens Semiconductor G...
IL211A SIEMENS-IL211A Datasheet
46Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL211AT SIEMENS-IL211AT Datasheet
44Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
logo
Vishay Siliconix
IL211AT VISHAY-IL211AT Datasheet
132Kb / 6P
Optocoupler, Phototransistor Output, With Base Connection in
26-Oct-04
More results

Similar Description - IL211

ManufacturerPart #DatasheetDescription
logo
NEC
UPC311 NEC-UPC311 Datasheet
358Kb / 10P
PRECISION VOLTAGE COMPARATORS
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200_06 Datasheet
128Kb / 19P
Low Voltage Comparators
August, 2006 ??Rev. 8
NCS2200 ONSEMI-NCS2200_10 Datasheet
161Kb / 17P
Low Voltage Comparators
August, 2010 ??Rev. 10
NCV2200 ONSEMI-NCV2200 Datasheet
169Kb / 17P
Low Voltage Comparators
August, 2014 ??Rev. 16
logo
PHOENIX CONTACT
0804197 PHOENIX-0804197 Datasheet
47Kb / 3P
Label, highly flexible - EMLF (108XE)R BU
0804198 PHOENIX-0804198 Datasheet
47Kb / 3P
Label, highly flexible - EMLF (108XE)R RD
0804199 PHOENIX-0804199 Datasheet
47Kb / 3P
Label, highly flexible - EMLF (108XE)R OG
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200_15 Datasheet
140Kb / 18P
Low Voltage Comparators
April, 2015 ??Rev. 18
NCS2200AGEVB ONSEMI-NCS2200AGEVB Datasheet
140Kb / 18P
Low Voltage Comparators
April, 2015 ??Rev. 18
logo
First Silicon Co., Ltd
FA339P FS-FA339P Datasheet
333Kb / 4P
QUAD VOLTAGE COMPARATORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com