Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54500 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL54500
Description  1.8V to 5.5V, 5W, Single SPDT Analog Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL54500 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL54500 Datasheet HTML 1Page - Renesas Technology Corp ISL54500 Datasheet HTML 2Page - Renesas Technology Corp ISL54500 Datasheet HTML 3Page - Renesas Technology Corp ISL54500 Datasheet HTML 4Page - Renesas Technology Corp ISL54500 Datasheet HTML 5Page - Renesas Technology Corp ISL54500 Datasheet HTML 6Page - Renesas Technology Corp ISL54500 Datasheet HTML 7Page - Renesas Technology Corp ISL54500 Datasheet HTML 8Page - Renesas Technology Corp ISL54500 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ISL54500
FN6549 Rev 2.00
Page 2 of 13
November 9, 2009
Ordering Information
PART NUMBER
(Notes 1, 4)
PART MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
(Tape and Reel)
PKG. DWG. #
ISL54500IRUZ-T (Note 2)
0
-40 to +85
6 Ld µTDFN
L6.1.2x1.0A
ISL54500IHZ-T (Note 3)
4500
-40 to +85
6 Ld SOT-23
MDP0038
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials
and NiPdAu plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering
operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
4. For Moisture Sensitivity Level (MSL), please see device information page for ISL54500. For more information on MSL please
see techbrief TB363.
Pin Configuration (Note 5)
ISL54500
(6 LD ΜTDFN)
TOP VIEW
ISL54500
(6 LD SOT-23)
TOP VIEW
NOTE:
5. Switches Shown for Logic “0” Input.
3
2
16
5
4
IN
V+
GND
NO
NC
COM
4
5
6
1
2
3
NC
IN
NO
GND
V+
COM
Truth Table
LOGIC
PIN NC
PIN NO
0ON
OFF
1OFF
ON
NOTE: Logic “0” 0.5V. Logic “1” 1.4V with a 3V supply.
Pin Descriptions
NAME
µTDFN
PIN
NUMBER
SOT-23
PIN
NUMBER
FUNCTION
V+
5
4
System Power Supply Input
(+1.8V to +5.5V)
GND
2
6
Ground Connection
IN
6
2
Digital Control Input
COM
4
5
Analog Switch Common Pin
NO
1
3
Analog Switch Normally Open
Pin
NC
3
1
Analog Switch Normally
Closed Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com