Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8494ARMZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD8494ARMZ
Description  Precision Thermocouple Amplifiers with Cold Junction Compensation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8494ARMZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8494ARMZ Datasheet HTML 5Page - Analog Devices AD8494ARMZ Datasheet HTML 6Page - Analog Devices AD8494ARMZ Datasheet HTML 7Page - Analog Devices AD8494ARMZ Datasheet HTML 8Page - Analog Devices AD8494ARMZ Datasheet HTML 9Page - Analog Devices AD8494ARMZ Datasheet HTML 10Page - Analog Devices AD8494ARMZ Datasheet HTML 11Page - Analog Devices AD8494ARMZ Datasheet HTML 12Page - Analog Devices AD8494ARMZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
AD8494/AD8495/AD8496/AD8497
Rev. D | Page 9 of 16
120µs/DIV
CL = 0pF
CL = 1000pF
CL = 4700pF
CL = 10000pF
Figure 15. AD8494/AD8496 Small-Signal Response
with Various Capacitive Loads
120µs/DIV
AD8494/AD8496
AD8495/AD8497
Figure 16. Small-Signal Response, RL = 100 kΩ, CL = 1 nF
100µs/DIV
2V/DIV
0.02%/DIV
SETTLING TO 0.1% IN 40µs
Figure 17. AD8495/AD8497 Large-Signal Step Response and Settling Time
120µs/DIV
CL = 0pF
CL = 1000pF
CL = 4700pF
CL = 10000pF
Figure 18. AD8495/AD8497 Small-Signal Response
with Various Capacitive Loads
100µs/DIV
2V/DIV
0.02%/DIV
SETTLING TO 0.1% IN 36µs
Figure 19. AD8494 Large-Signal Step Response and Settling Time
100µs/DIV
2V/DIV
0.02%/DIV
SETTLING TO 0.1% IN 32µs
Figure 20. AD8496 Large-Signal Step Response and Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com