Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC600LP4 Datasheet(PDF) 6 Page - Analog Devices

Part # HMC600LP4
Description  LOGARITHMIC DETECTOR / CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC600LP4 Datasheet(HTML) 6 Page - Analog Devices

  HMC600LP4 Datasheet HTML 1Page - Analog Devices HMC600LP4 Datasheet HTML 2Page - Analog Devices HMC600LP4 Datasheet HTML 3Page - Analog Devices HMC600LP4 Datasheet HTML 4Page - Analog Devices HMC600LP4 Datasheet HTML 5Page - Analog Devices HMC600LP4 Datasheet HTML 6Page - Analog Devices HMC600LP4 Datasheet HTML 7Page - Analog Devices HMC600LP4 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 7
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC600LP4
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H600
XXXX
HMC600LP4E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H600
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
HMC600LP4 / 600LP4E
v02.0909
75 dB LOGARITHMIC
DETECTOR / CONTROLLER 50 - 4000 MHz
Pin Number
Function
Description
Interface Schematic
1, 6, 7-13,
15, 18-24
N/C
These pins are not connected internally; however,
this product is specified with these pins connected
to RF/DC ground.
2, 6
Vcc1, Vcc2
Bias supply. Connect supply voltage to both pins.
3, 4
INP, INN
RF Input pins. Connect RF to INP, and AC couple
INN to ground for single-ended operation.
14
PWD
Connect to 0V for normal operation. Applying voltage
>0.8 x Vcc will initiate a power saving shutdown mode.
To ensure proper start-up apply the power-up sequence
shown in the “Power-Up Timing Diagram” attached to the
application circuit.
16
VSET
VSET input in controller mode. Short this
pin to LOGOUT for detector mode.
17
LOGOUT
Logarithmic output that converts the input power
to a DC level in detector mode. Short this pin to
VSET for detector mode.
Package
Base
GND
Exposed paddle must be connected to RF and DC ground.
Pin Descriptions
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com