Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC611LP4E Datasheet(PDF) 11 Page - Analog Devices

Part # HMC611LP4E
Description  LOGARITHMIC DETECTOR / CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC611LP4E Datasheet(HTML) 11 Page - Analog Devices

Back Button HMC611LP4E Datasheet HTML 4Page - Analog Devices HMC611LP4E Datasheet HTML 5Page - Analog Devices HMC611LP4E Datasheet HTML 6Page - Analog Devices HMC611LP4E Datasheet HTML 7Page - Analog Devices HMC611LP4E Datasheet HTML 8Page - Analog Devices HMC611LP4E Datasheet HTML 9Page - Analog Devices HMC611LP4E Datasheet HTML 10Page - Analog Devices HMC611LP4E Datasheet HTML 11Page - Analog Devices HMC611LP4E Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 56
Application & Evaluation PCB Schematic
Notes
Note 1: The HMC611LP4 & HMC611LP4E evaluation boards are pre-assembled for single-ended input, and detector/RSSI mode.
Note 2: For detector mode, connect high impedance volt meter to the LOGOUT port, and make no connection to VSET. LOGOUT
is shorted to VSET by R9, as required for detector mode.
Note 3: For controller mode, remove R9 and install 0 ohm resistor (R11), then make appropriate connection to LOGOUT and VSET.
In controller mode, the LOGOUT output can be used to drive a variable gain amplifier, or a variable attenuator, either
directly or through a buffer or microcontroller. VSET should be connected to an external supply, typically between +0.6
and +1.9V.
HMC611LP4 / 611LP4E
v04.0309
60 dB, LOGARITHMIC
DETECTOR / CONTROLLER, 1 - 10000 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com