Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8496ARMZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD8496ARMZ
Description  Precision Thermocouple Amplifiers with Cold Junction Compensation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8496ARMZ Datasheet(HTML) 5 Page - Analog Devices

  AD8496ARMZ Datasheet HTML 1Page - Analog Devices AD8496ARMZ Datasheet HTML 2Page - Analog Devices AD8496ARMZ Datasheet HTML 3Page - Analog Devices AD8496ARMZ Datasheet HTML 4Page - Analog Devices AD8496ARMZ Datasheet HTML 5Page - Analog Devices AD8496ARMZ Datasheet HTML 6Page - Analog Devices AD8496ARMZ Datasheet HTML 7Page - Analog Devices AD8496ARMZ Datasheet HTML 8Page - Analog Devices AD8496ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
AD8494/AD8495/AD8496/AD8497
Rev. D | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
±18 V
Maximum Voltage at −IN or +IN
−VS + 25 V
Minimum Voltage at −IN or +IN
+VS − 25 V
REF Voltage
±VS
Output Short-Circuit Current Duration
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Maximum IC Junction Temperature
140°C
ESD
Human Body Model
4.5 kV
Field-Induced Charged Device Model
1.5 kV
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for a device on a 4-layer JEDEC PCB in free air.
Table 4.
Package
θJA
Unit
8-Lead MSOP (RM-8)
135
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com