Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2S Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D2S
Description  Subminiature Switch with Superb Flux Resistance
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2S Datasheet(HTML) 1 Page - Omron Electronics LLC

  D2S Datasheet HTML 1Page - Omron Electronics LLC D2S Datasheet HTML 2Page - Omron Electronics LLC D2S Datasheet HTML 3Page - Omron Electronics LLC D2S Datasheet HTML 4Page - Omron Electronics LLC D2S Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
D
2
S
D2S
Subminiature Basic Switch
Subminiature Switch with
Superb Flux Resistance
● One-piece terminal construction to keep out flux.
● High operating-position accuracy (±0.25 mm)
enables easy peripheral design and positioning.
Use of pin plunger also allows horizontal
operation.
RoHS Compliant
Model Number Legend
List of Models
Ratings
10.1 A
5 A
0.1 A
Actuator
Terminals
OF max.
Pin plunger
Solder terminals
1.47 N {150 gf}
D2S-10
D2S-5
D2S-01
0.49 N {50 gf}
-
D2S-5-F
D2S-01-F
Self-clinching PCB
terminals
1.47 N {150 gf}
D2S-10D
D2S-5D
D2S-01D
0.49 N {50 gf}
-
D2S-5-FD
D2S-01-FD
Hinge lever
Solder terminals
0.49 N {50 gf}
D2S-10L
D2S-5L
D2S-01L
0.18 N {18 gf}
-
D2S-5L-F
D2S-01L-F
Self-clinching PCB
terminals
0.49 N {50 gf}
D2S-10LD
D2S-5LD
D2S-01LD
0.18 N {18 gf}
-
D2S-5L-FD
D2S-01L-FD
Simulated roller lever
Solder terminals
0.49 N {50 gf}
D2S-10L13
D2S-5L13
D2S-01L13
0.18 N {18 gf}
-
D2S-5L13-F
D2S-01L13-F
Self-clinching PCB
terminals
0.49 N {50 gf}
D2S-10L13D
D2S-5L13D
D2S-01L13D
0.18 N {18 gf}
-
D2S-5L13-FD
D2S-01L13-FD
Hinge roller lever
Solder terminals
0.49 N {50 gf}
D2S-10L2
D2S-5L2
D2S-01L2
0.18 N {18 gf}
-
D2S-5L2-F
D2S-01L2-F
Self-clinching PCB
terminals
0.49 N {50 gf}
D2S-10L2D
D2S-5L2D
D2S-01L2D
0.18 N {18 gf}
-
D2S-5L2-FD
D2S-01L2-FD
D2S -
@@@@
1. Ratings
10 : 250 VAC 10.1 A
5 : 125 VAC 5 A
01 : 30 VDC 0.1 A
2. Actuator
None: Pin plunger
L : Hinge lever
L13 : Simulated roller lever
L2 : Hinge roller lever
12
3
4
3. Maximum Operating Force (OF)
None: 1.47 N {150 gf}
-F : 0.49 N {50 gf} (For 0.1 A, 5 A)
Note: The given values are for pin plunger models only.
4. Terminals
None: Solder terminals
D : Self-clinching PCB terminals
Separator (Sold Separately), Terminal Connector (Sold Separately)
Refer to "Basic Switch Common Accessories"


Similar Part No. - D2S

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
D2S FCI-D2S Datasheet
125Kb / 2P
0.8 Amp Glass Passivated Single Phase Silicon Bridge
logo
Omron Electronics LLC
D2S-01 OMRON-D2S-01 Datasheet
609Kb / 5P
One-piece terminal construction to keep out flux
D2S-01-F OMRON-D2S-01-F Datasheet
609Kb / 5P
One-piece terminal construction to keep out flux
D2S-01-FD OMRON-D2S-01-FD Datasheet
609Kb / 5P
One-piece terminal construction to keep out flux
D2S-01D OMRON-D2S-01D Datasheet
609Kb / 5P
One-piece terminal construction to keep out flux
More results

Similar Description - D2S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
SSG OMRON-SSG Datasheet
765Kb / 10P
Subminiature Basic Switch
SS-P OMRON-SS-P Datasheet
480Kb / 8P
Subminiature Basic Switch
logo
Cherry Semiconductor Co...
DB2C-A1AA CHERRY-DB2C-A1AA Datasheet
213Kb / 4P
DB subminiature switch
logo
List of Unclassifed Man...
DC3C-A1AA ETC2-DC3C-A1AA Datasheet
595Kb / 4P
DC subminiature switch
logo
Cherry Semiconductor Co...
E63-00K CHERRY-E63-00K Datasheet
771Kb / 3P
SUBMINIATURE Switch Modules
DCJK CHERRY-DCJK Datasheet
342Kb / 2P
subminiature switch
logo
Omron Electronics LLC
SS-10 OMRON-SS-10 Datasheet
1Mb / 8P
Subminiature Basic Switch
logo
Copal Electronics
ATE COPAL-ATE Datasheet
874Kb / 10P
Subminiature Toggle Switch
ATE4 COPAL-ATE4 Datasheet
578Kb / 6P
Subminiature Toggle Switch With Locking Lever
logo
PHOENIX CONTACT
CUTFOX-62 PHOENIX-CUTFOX-62 Datasheet
48Kb / 2P
Superb cutting quality
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com