Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84684II Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL84684II
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch in Chipscale Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL84684II Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL84684II Datasheet HTML 1Page - Renesas Technology Corp ISL84684II Datasheet HTML 2Page - Renesas Technology Corp ISL84684II Datasheet HTML 3Page - Renesas Technology Corp ISL84684II Datasheet HTML 4Page - Renesas Technology Corp ISL84684II Datasheet HTML 5Page - Renesas Technology Corp ISL84684II Datasheet HTML 6Page - Renesas Technology Corp ISL84684II Datasheet HTML 7Page - Renesas Technology Corp ISL84684II Datasheet HTML 8Page - Renesas Technology Corp ISL84684II Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ISL84684II
FN6190 Rev 0.00
Page 2 of 11
November 3, 2005
Pinout (Note 1)
ISL84684II (CHIPSCALE)
TOP VIEW
NOTE:
1. B2 and B3 of the 4x3 array are not populated.
Truth Table
LOGIC
PIN NC1 and NC2
PIN NO1 and NO2
0ON
OFF
1OFF
ON
NOTE: Logic “0”
0.5V. Logic “1” 1.4V
Pin Descriptions
PIN
FUNCTION
V+
System Power Supply Input (+1.8V to +4.5V)
GND
Ground Connection
IN
Digital Control Input
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
V+
NO1
COM1
IN1
NC1
NO2
COM2
IN2
NC2
GND
C1
C2
C3
C4
A1
A2
A3
A4
B1
B4
Ordering Information
PART NO.
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
ISL84684IIZ-T
(Note)
684Z
-40 to 85 10 ball,
2.0mm x 1.5mm,
depopulated 4x3
array, Chipscale
Pb-free, Tape
and Reel
W4x3.10A
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com