Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC60 Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # MSC60
Description  AC -DC ITE & Medical Power Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

MSC60 Datasheet(HTML) 2 Page - Arch Electronics Corp.

  MSC60 Datasheet HTML 1Page - Arch Electronics Corp. MSC60 Datasheet HTML 2Page - Arch Electronics Corp. MSC60 Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VER : A_6
update : 2018.06.06
AC -DC ITE & Medical Power Module
MSC60 SERIES
60 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
( Single Output )
MSC60-5S
MSC60-9S
MSC60-12S
MSC60-15S
MSC60-24S
Safety
Approval
cUL / UL Standard:
UL 60950-1, CAN/CSA C22.2 No. 60950-1-07
ANSI/AAMI ES60601-1 (2005 + C1:09 + A2:10), CAN/CSA-C22.2 No. 60601-1
(2008), 2 x MOPP
CB Standard:
IEC 60950-1:2005 (2nd Edition) + Am 1:2009 + Am 2:2013
IEC 60601-1:2005 (3rd Edition) + CORR. 1 (2006) + CORR. 2 (2007) + AM1
(2012) or IEC 60601-1 (2012 reprint), 2 x MOPP
EMC
Conducted and radiated EMI
EN55011 class B (Radiation Class A for MSC60 A2 Series)
EMS
EN60601-1-2 4th edition
NOTE
1. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
2. Safety approvals cover frequency 47-63 Hz.
3. That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
4. It's recommended to add Varistor 14S471K at L / N input side in parallel.
5. Please refer to our PDF file "AC-DC Application" on our website: www.archcorp.com.tw
MECHANICAL DIMENSION
( Top View )
BLOCK DIAGRAM
PIN#
Single
1
AC IN (L)
2
AC IN (N)
3
+DC OUT
4
NO PIN
5
-DC OUT
6
NO PIN
7
NO PIN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com