Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR2045LC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MBR2045LC
Description  HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR2045LC Datasheet(HTML) 1 Page - Diodes Incorporated

  MBR2045LC Datasheet HTML 1Page - Diodes Incorporated MBR2045LC Datasheet HTML 2Page - Diodes Incorporated MBR2045LC Datasheet HTML 3Page - Diodes Incorporated MBR2045LC Datasheet HTML 4Page - Diodes Incorporated MBR2045LC Datasheet HTML 5Page - Diodes Incorporated MBR2045LC Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MBR2045LC
Document number: DS36961 Rev. 3 - 2
1 of 6
www.diodes.com
July 2014
© Diodes Incorporated
MBR2045LC
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
Product Summary
VRRM (V)
IO (A)
VF (MAX) (V)
@ +25°C
IR (MAX) (mA)
@ +25°C
45
2x10
0.7
0.05
Description
High efficiency dual Schottky rectifier suited for switch mode power
supplies and other power converters. This device is intended for use
in medium voltage operation, and particularly, in high frequency
circuits where low switching losses and low noise are required.
MBR2045LC is available in TO-220-3 (2) package.
Applications
Power Supply Output Rectification
Power Management
Instrumentation
Features
Low Forward Voltage: 0.7V @ +25
oC
High Surge Current Capacity
+150
C Operating Junction Temperature
20A Total (10A Each Diode Leg)
Guard-Ring for Stress Protection
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Mechanical Data
Case: TO-220-3 (2)
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Terminals: Finish - Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Polarity: See Below
Weight : TO-220-3 (2) - 1.9Grams (Approximate)
TO-220-3 (2)
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
Pin Assignments
(Front View)
TO-220-3 (2)
Internal Structure of MBR2045LC
1
2
3
A1
K
A2
A1
A2
K
Pb


Similar Part No. - MBR2045LC

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
MBR2045LCT CHONGQING-MBR2045LCT Datasheet
213Kb / 1P
20A Schottky Barrier Rectifier
logo
Bytesonic Electronics C...
MBR2045LCT BYTESONIC-MBR2045LCT Datasheet
433Kb / 2P
Schottky Barrier Rectifier
Version 1.4 2017/11/9
More results

Similar Description - MBR2045LC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80SCLQ030 IRF-80SCLQ030 Datasheet
50Kb / 4P
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16YQ150C IRF-16YQ150C Datasheet
54Kb / 4P
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
logo
BCD Semiconductor Manuf...
MBR2045C BCDSEMI-MBR2045C Datasheet
449Kb / 9P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
MBR2045C BCDSEMI-MBR2045C_11 Datasheet
903Kb / 11P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
MBR3045C BCDSEMI-MBR3045C Datasheet
857Kb / 11P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
International Rectifier
15JGQ100 IRF-15JGQ100 Datasheet
123Kb / 4P
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
logo
STMicroelectronics
STPS40M60CT STMICROELECTRONICS-STPS40M60CT Datasheet
131Kb / 10P
High efficiency 60 V power Schottky rectifier
11-May-2011
logo
Diodes Incorporated
MBR2045C DIODES-MBR2045C Datasheet
454Kb / 8P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
Rev 4
MBR3045C DIODES-MBR3045C Datasheet
434Kb / 7P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
Rev 3
MBR3045C DIODES-MBR3045C_17 Datasheet
435Kb / 7P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
Rev 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com