Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4AGSW4 Datasheet(PDF) 6 Page - Tyco Electronics

Part # MA4AGSW4
Description  AIGAAS SP4T PIN DIODE SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4AGSW4 Datasheet(HTML) 6 Page - Tyco Electronics

  MA4AGSW4 Datasheet HTML 1Page - Tyco Electronics MA4AGSW4 Datasheet HTML 2Page - Tyco Electronics MA4AGSW4 Datasheet HTML 3Page - Tyco Electronics MA4AGSW4 Datasheet HTML 4Page - Tyco Electronics MA4AGSW4 Datasheet HTML 5Page - Tyco Electronics MA4AGSW4 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AlGaAs SP4T PIN Diode Switch
MA4AGSW4
V 1.00
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
6
MA4AGSW4 Schematic with 2-18 GHz Bias Network
AlGaAs Switch Die
100 Ohms
39 pF
22 nH
22 pF
39 pF
DC Bias
J1
22 nH
22 pF
J2
J5
22 pF
39 pF
DC Bias
22 nH
J3
J4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com