Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA310 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MA310
Description  PLEXUS MA310
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MA310 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MA310 Datasheet HTML 1Page - List of Unclassifed Manufacturers MA310 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Direct Links Convenience
With Tray System
Flexibility
www.molins.co.uk
MO L IN S
TOBACCO MACHINERY
TECHNICAL DATA SHEET
PLEXUS MA310
Description
Plexus™ MA310 is a two-part methacrylate adhesive designed for structural bonding of thermoplastic, metal, and composite assemblies1.
Combined at a 1:1 ratio, it has a working time of 15 to 18 minutes and achieves 75% of ultimate strength in 30 to 35 minutes at room
temperature. MA310 is particularly well suited for bonding thermoplastic materials. This adhesive combines high strength and stiffness with the
ability to bond a wide range of materials. Plexus MA310 is supplied in ready to use cartridges, 20 litre pails or 200 litre drums to be dispensed as
a non-sagging gel.
Room Temperature Cure
Working Time2
15 – 18 minutes
Fixture Time3
30 – 35 minutes
Operating Temperature
-55oC – 121oC
Gap Filling7
1mm to 4mm
Mixed Density
1.00 g/cc
Flash Point
9
°C
Excellent resistance to:
Hydrocarbons
Acids and Bases
(3-10 pH)
Salt Solutions
Susceptible to:
Polar Solvents
Adhesive
Activator
Viscosity, cP
40,000 – 60,000
40,000 – 60,000
Colour
Off-White
Yellow
Density, g/cc
1.03
0.97
Mix Ratio by Volume
1
1
Mix Ratio by Weight
1
1
Mixer Recommendation:
Cartridge (50ml):
50ml 1:1 static mixer
Cartridge (400ml):
MC10:18
Bulk:
Refer to ITW Plexus8
Characteristics
Chemical Resistance4
Physical Properties
(uncured) – Room
Temperature
Mechanical Properties (Cured)
Room Temperatur
Tensile (ASTM D638)
Strength, MPa
27.5 - 31
Modulus, MPa
1034 – 1206.5
Strain to Failure (%)
5 - 15
e
Recommended for:
ABS
Acrylics
FRP
Gelcoats6
Epoxies
PVC
Polyesters
(including DCPD modified)
Styrenics
Urethanes (general)
Vinyl Esters
Lap Shear (ASTM D1002)
Cohesive Strength MPa
20.5 - 24
Typical Exotherm Curve for MA310 at 23
°C (10 grams)5
0
9
3 7
6 5
9 3
12 1
0
1 02 0
3 04 0
T ime , min
T e m p e rature, C


Similar Part No. - MA310

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MA310 MPS-MA310 Datasheet
1Mb / 17P
MagAlpha Communication Kit
MA310 MPS-MA310 Datasheet
879Kb / 11P
Rotary Knob Kit for the MagAlpha
MA310 MPS-MA310 Datasheet
879Kb / 11P
Rotary Knob Kit for the MagAlpha
logo
Panasonic Semiconductor
MA3100 PANASONIC-MA3100 Datasheet
108Kb / 7P
Silicon planar type
MA3100-H PANASONIC-MA3100-H Datasheet
108Kb / 7P
Silicon planar type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com