Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6282G Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE6282G
Description  Dual Half Bridge Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6282G Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE6282G Datasheet HTML 8Page - Infineon Technologies AG TLE6282G Datasheet HTML 9Page - Infineon Technologies AG TLE6282G Datasheet HTML 10Page - Infineon Technologies AG TLE6282G Datasheet HTML 11Page - Infineon Technologies AG TLE6282G Datasheet HTML 12Page - Infineon Technologies AG TLE6282G Datasheet HTML 13Page - Infineon Technologies AG TLE6282G Datasheet HTML 14Page - Infineon Technologies AG TLE6282G Datasheet HTML 15Page - Infineon Technologies AG TLE6282G Datasheet HTML 16Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet TLE6282G
Data Sheet
13
Rev 2.5 2011-05-24
Truth Table
Input
Conditions
Output
ILx
IHx DT / DIS
UV
SC
GLx
GHx
ERR
1
1
<3.5V
0
0
1
0
5V
0
0
<3.5V
0
0
0
1
5V
1
0
1.5-3.5V
0
0
A
A
5V
1
0
<1V
0
0
1
1
5V
0
1
<3.5V
0
0
0
0
5V
1
1
<3.5V
1
0
B
0
C
0
0
<3.5V
1
0
0
B
C
1
0
1.5-3.5V
1
0
D
D
C
1
0
<1V
1
0
B
B
C
0
1
<3.5V
1
0
0
0
C
1
1
<3.5V
0
1
E
0
F
0
0
<3.5V
0
1
0
E
F
1
0
1.5-3.5V
0
1
D
D
F
1
0
<1V
0
1
E
E
F
0
1
<3.5V
0
1
0
0
F
X
X
X
X
X
0
0
5V
X
X
>4V
X
X
0
0
5V
A) stays in the condition before the shoot throught command occurs (see also dead time di-
agrams)
B) 0 when affected; 1 when not affected; self recovery
C) 0V when output does not correspond to input patterns; 5V when output corresponds to
input patterns.
D) stays in the condition before the shoot throught command occurs (see also dead time di-
agrams); 0 when affected
E) 0 when affected– the outputs of the affected halfbridge are shut down and stay latched
until reset; 1 when not affected
F) 0V when output does not correspond to input patterns – the outputs of the affected
halfbridge are shut down and stay latched until reset; 5V when output corresponds to in-
put patterns.
X) Condition has no influence
Remark: Please consider the influence of the dead time for your input duty cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com