Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7189F Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLE7189F
Description  3-Phase Bridge Driver IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7189F Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLE7189F Datasheet HTML 20Page - Infineon Technologies AG TLE7189F Datasheet HTML 21Page - Infineon Technologies AG TLE7189F Datasheet HTML 22Page - Infineon Technologies AG TLE7189F Datasheet HTML 23Page - Infineon Technologies AG TLE7189F Datasheet HTML 24Page - Infineon Technologies AG TLE7189F Datasheet HTML 25Page - Infineon Technologies AG TLE7189F Datasheet HTML 26Page - Infineon Technologies AG TLE7189F Datasheet HTML 27Page - Infineon Technologies AG TLE7189F Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
TLE7189F
Data Sheet
24
Rev. 2.2, 2016-01-28
5.3.20
Slew rate
I
SC
–
10
–
V/µs
Gain>= 5;
R
Load=1.0kΩ;
C
Load=500pF
5.3.21
Large signal open loop voltage gain
(DC)
A
OL
80
100
–
dB
–
5.3.22
Unity gain bandwidth
GBW
10
20
–
MHz
R
Load=1kΩ;
C
Load=100pF
5.3.23
Phase margin1)
Φ
M
–
50
–
°
Gain>= 5;
R
Load=1kΩ;
C
Load=100pF
5.3.24
Gain margin1)
A
M
–12
–
db
R
Load=1kΩ;
C
Load=100pF
5.3.25
Bandwidth
BW
G
1.6
–
–
MHz
Gain=15;
R
Load=1kΩ;
C
Load=500pF;
R
RS=500Ω
5.3.26
Output settle time to 98%
t
set
–
1
1.8
µs
Gain=15;
R
Load=1kΩ;
C
Load=500pF;
0.2<
V
VO< 4.0V;
R
RS=500Ω
5.3.27
Output rise time 10% to 90%
t
Irise
–
–1µs
5.3.28
Output fall time 90% to 10%
t
Ifall
–
–1µs
1) Not subject to production test; specified by design
2) Without considering any offsets such as input offset voltage, internal miss match and assuming no tolerance error in
external resistors.
Electrical Characteristics - Current sense signal conditioning (cont’d)
V
S = 5.5 to 20V, VVSOA = 5V, Tj = -40 to +150 °C, fPWM < 25kHz, all voltages with respect to ground, positive current
flowing into pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com