Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS115B0 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLS115B0
Description  High Precision Voltage Tracker
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS115B0 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLS115B0 Datasheet HTML 17Page - Infineon Technologies AG TLS115B0 Datasheet HTML 18Page - Infineon Technologies AG TLS115B0 Datasheet HTML 19Page - Infineon Technologies AG TLS115B0 Datasheet HTML 20Page - Infineon Technologies AG TLS115B0 Datasheet HTML 21Page - Infineon Technologies AG TLS115B0 Datasheet HTML 22Page - Infineon Technologies AG TLS115B0 Datasheet HTML 23Page - Infineon Technologies AG TLS115B0 Datasheet HTML 24Page - Infineon Technologies AG TLS115B0 Datasheet HTML 25Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Data Sheet
22
Rev.1.00
2016-10-13
TLS115B0
High Precision Voltage Tracker
Package outlines
6
Package outlines
Figure 5
PG-DSO-8 EP
PG-DSO-8-27-PO V01
14
85
8
14
5
8x
0.41±0.09
2)
M
0.2
D
C A-B
1.27
C
0.08
Seating Plane
C
A
B
4.9±0.1
1)
A-B
C
0.1
2x
3) JEDEC reference MS-012 variation BA
1) Does not include plastic or metal protrusion of 0.15 max. per side
2) Dambar protrusion shall be maximum 0.1 mm total in excess of lead width
Bottom View
±0.2
3
0.2
±0.2
D
6
M
D 8x
0.64 ±0.25
3.9±0.1
1)
0.1
0.35 x 45˚
CD 2x
Index Marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com