Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS115B0LD Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLS115B0LD
Description  High Precision Voltage Tracker
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS115B0LD Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLS115B0LD Datasheet HTML 15Page - Infineon Technologies AG TLS115B0LD Datasheet HTML 16Page - Infineon Technologies AG TLS115B0LD Datasheet HTML 17Page - Infineon Technologies AG TLS115B0LD Datasheet HTML 18Page - Infineon Technologies AG TLS115B0LD Datasheet HTML 19Page - Infineon Technologies AG TLS115B0LD Datasheet HTML 20Page - Infineon Technologies AG TLS115B0LD Datasheet HTML 21Page - Infineon Technologies AG TLS115B0LD Datasheet HTML 22Page - Infineon Technologies AG TLS115B0LD Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
TLS115B0
High Precision Voltage Tracker
Application information
Data Sheet
19
Rev. 1.00
2016-10-13
5
Application information
Note:
The following information is given as a hint for the implementation of the device only and shall not
be regarded as a description or warranty of a certain functionality, condition or quality of the device.
5.1
Application diagram
Figure 4
TLS115B0 application circuit
5.2
Selection of external components
5.2.1
Input pin
Figure 4 shows the typical input circuitry for a voltage tracking regulator. The following external components
at the input are recommended in case of possible external disturbance.
A ceramic capacitor CIN1 (100 nF to 470 nF) at the input filters high frequency disturbance imposed by the line,
such as ISO pulses 3a/b. Place CIN1 very close to the input pin of the voltage tracking regulator on the PCB.
An aluminum electrolytic capacitor CIN2 (10 µF to 470 µF) at the input smoothens high energy pulses, such as
ISO pulse 2a. Place CIN2 close to the input pin of the voltage tracking regulator on the PCB.
An accordingly sized overvoltage suppressor diode D1 suppresses high voltage beyond the maximum ratings
of the circuit components and protects the devices from damage due to overvoltage.
EN
ADJ
IN
OUT
GND
TLS115B0
Micro
Controller
VDD
Main
Regulator
IQ
GND
VBAT
e.g. off board
loads, sensors
VREF
I/O
CIN1
CIN2
COUT
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com