Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9275C2TG00 Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS9275C2TG00
Description  IC FOR 10.00 - 36.00 MHz VCXO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9275C2TG00 Datasheet(HTML) 5 Page - Micro Analog systems

  MAS9275C2TG00 Datasheet HTML 1Page - Micro Analog systems MAS9275C2TG00 Datasheet HTML 2Page - Micro Analog systems MAS9275C2TG00 Datasheet HTML 3Page - Micro Analog systems MAS9275C2TG00 Datasheet HTML 4Page - Micro Analog systems MAS9275C2TG00 Datasheet HTML 5Page - Micro Analog systems MAS9275C2TG00 Datasheet HTML 6Page - Micro Analog systems MAS9275C2TG00 Datasheet HTML 7Page - Micro Analog systems MAS9275C2TG00 Datasheet HTML 8Page - Micro Analog systems MAS9275C2TG00 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DA9275.007
19 February 2004
5 (10)
MODULATION RESPONSE
Figure 2. Modulation response (gain).
TYPICAL APPLICATION
MAS9275B3/C3 Modulation Response
-10
-8
-6
-4
-2
0
2
0.1
1
10
100
Frequency (kHz)
MAS9275B2/C2 Modulation Response
-10.00
-8.00
-6.00
-4.00
-2.00
0.00
2.00
0.1
1
10
100
Frequency (kHz)
2
120
3
4
5
6
7
8
9
10
19
18
17
16
15
14
13
12
11
VC
X1
GND
X2
OUT
VDD
Top marking:
YYWW = Year, Week
XXXXX.X = Lot number
PD
C6
10n
Vdd
Vcontrol
C2
47n
R1
50k
Modulation In
1n
C1
MAS9275B2/B3/C2/C3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com