Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VMS-R030-1.0-U Datasheet(PDF) 2 Page - Isabellenhütte Heusler GmbH & Co. KG

Part # VMS-R030-1.0-U
Description  Precision resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

VMS-R030-1.0-U Datasheet(HTML) 2 Page - Isabellenhütte Heusler GmbH & Co. KG

  VMS-R030-1.0-U Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG VMS-R030-1.0-U Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG VMS-R030-1.0-U Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG VMS-R030-1.0-U Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 /4
ISA-PLAN® // PrecISIoN reSIStorS
VMS // Size 2512
Isabellenhütte Heusler GmbH & co. KG // sales.components@isabellenhuette.de // Issue 05-July-2017 // current valid issue: see www.isabellenhuette.de
Tape and reel information
Specification
DIN eN 60286-3
tape width
mm
12
reel size
inch
13
Parts per reel
pcs
9000
Packaging weight net
g
539
Recommended solder profile
Reflow- and IR-soldering
temperature
°C
260
255
217
time
sec
peak
40
90
Resistance values Tolerance 1 % Tolerance 2 %
Tolerance 5 %
r005
r0068
r010
r012
r015
r020
r022
r025
r027
r030
r033
r039
r040
r047
r050
r056
r068
r082
r100
r120
r150
r180
r200
r220
r240
r270
r300
r330
r470
r500
r680
1r00
Available standard resistance values and tolerances*
* Further values and tolerances on request
= available



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com