Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMB-001CEVALZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # KMB-001CEVALZ
Description  High Performance Dual 14-Bit, 125MSPS ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KMB-001CEVALZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  KMB-001CEVALZ Datasheet HTML 1Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 2Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 3Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 4Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 5Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 6Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 7Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 8Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
FN7983 Rev 3.00
Page 1 of 32
August 17, 2012
FN7983
Rev 3.00
August 17, 2012
ISLA224P12
High Performance Dual 14-Bit, 125MSPS ADC
DATASHEET
The ISLA224P12 is a high performance dual 14-bit 125MSPS
analog-to-digital converter offering very high dynamic range and
low power consumption. It carries the export control
classification number 3A991.c.3 and can be exported without a
license to most countries, including China and Russia. It is part of
a pin-compatible family of 12- to 16-bit A/Ds with maximum
sample rates ranging from 125 to 500MSPS. This allows a design
using the ISLA224P12 to accommodate any of the other
pin-compatible A/Ds with minimal changes.
The ISLA224P12 is very flexible and can be designed into a wide
variety of systems. A serial peripheral interface (SPI) port allows
access to its extensive configurability as well as provides digital
control over various analog parameters such as input gain and
offset. Digital output data is presented in selectable LVDS or
CMOS formats in half-width, double data rate (DDR). Operating
from a 1.8V supply, performance is specified over the full
industrial temperature range (-40°C to +85°C).
Applications
• Radar Array Processing
•Software Defined Radio
• Broadband Communications
• High Performance Data Acquisition
• Communications Test Equipment
Features
• License-free Import for most countries including China and
Russia (ECCN 3A991.c.3)
•Multi-ADC Support
- SPI Programmable Fine Gain and Offset Control
- Multiple ADC Synchronization
- Optimized Output Timing
• Clock Duty Cycle Stabilizer
• Nap and Sleep Modes
• Programmable Built-in Test Patterns
• DDR LVDS-Compatible or LVCMOS Outputs
• Data Output Clock
Key Specifications
• SNR @ 125MSPS
-74.7dBFS fIN= 30MHz
- 70.2dBFS fIN = 363MHz
•SFDR @ 125MSPS
- 86dBc fIN = 30MHz
- 79dBc fIN = 363MHz
• Total Power Consumption = 590mW
DIGITAL
ERROR
CORRECTION
SHA
1.25V
VINBP
VINBN
14-BIT
125 MSPS
ADC
CLOCK
MANAGEMENT
SHA
14-BIT
125 MSPS
ADC
CLKP
CLKN
SPI
CONTROL
VREF
CLKOUTP
CLKOUTN
D[13:0]P
D[13:0]N
ORP
ORN
OUTFMT
OUTMODE
+
–
VCM
VREF
VINAN
VINAP
+
-
Pin-Compatible Family
MODEL
RESOLUTION
SPEED
(MSPS)
ISLA224P25
14
250
ISLA224P20
14
200
ISLA224P13
14
130
ISLA222P25
12
250
ISLA222P20
12
200
ISLA222P13
12
130


Similar Part No. - KMB-001CEVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KMB-001CEVALZ INTERSIL-KMB-001CEVALZ Datasheet
963Kb / 34P
High Performance 14-Bit, 125MSPS ADC
June 27, 2012
KMB-001CEVALZ INTERSIL-KMB-001CEVALZ Datasheet
1Mb / 32P
High Performance Dual 14-Bit, 125MSPS ADC
August 17, 2012
KMB-001CEVALZ INTERSIL-KMB-001CEVALZ Datasheet
963Kb / 34P
High Performance 14-Bit, 125MSPS ADC
June 27, 2012
logo
Renesas Technology Corp
KMB-001CEVALZ RENESAS-KMB-001CEVALZ Datasheet
1Mb / 34P
High Performance 14-Bit, 125MSPS ADC
KMB-001CEVALZ RENESAS-KMB-001CEVALZ Datasheet
1Mb / 33P
High Performance Dual 14-Bit, 125MSPS ADC
Apr 8, 2024
More results

Similar Description - KMB-001CEVALZ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2285 LINER-LTC2285 Datasheet
583Kb / 24P
Dual 14-Bit, 125Msps Low Power 3V ADC
logo
Intersil Corporation
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
14-Bit, 250/210/170/125MSPS ADC
March 4, 2009
KAD5514P_0909 INTERSIL-KAD5514P_0909 Datasheet
805Kb / 34P
14-Bit, 250/210/170/125MSPS ADC
September 10, 2009
ISLA214P12 INTERSIL-ISLA214P12 Datasheet
963Kb / 34P
High Performance 14-Bit, 125MSPS ADC
June 27, 2012
ISLA224P12 INTERSIL-ISLA224P12 Datasheet
1Mb / 32P
High Performance Dual 14-Bit, 125MSPS ADC
August 17, 2012
logo
Linear Technology
LTC2285 LINER-LTC2285_15 Datasheet
585Kb / 24P
Dual 14-Bit, 125Msps Low Power 3V ADC
logo
Intersil Corporation
ISLA214P12IRZ INTERSIL-ISLA214P12IRZ Datasheet
963Kb / 34P
High Performance 14-Bit, 125MSPS ADC
June 27, 2012
KAD5514P-25Q72 INTERSIL-KAD5514P-25Q72 Datasheet
802Kb / 34P
14-Bit, 250/210/170/125MSPS ADC
September 10, 2009
logo
Renesas Technology Corp
ISLA214P12 RENESAS-ISLA214P12 Datasheet
1Mb / 34P
High Performance 14-Bit, 125MSPS ADC
KAD5514P RENESAS-KAD5514P Datasheet
1Mb / 34P
14-Bit, 250/210/170/125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com