Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSB50325AS Datasheet(PDF) 6 Page - ON Semiconductor

Part # FSB50325AS
Description  Motion SPM 5 Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB50325AS Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FSB50325AS Datasheet HTML 2Page - ON Semiconductor FSB50325AS Datasheet HTML 3Page - ON Semiconductor FSB50325AS Datasheet HTML 4Page - ON Semiconductor FSB50325AS Datasheet HTML 5Page - ON Semiconductor FSB50325AS Datasheet HTML 6Page - ON Semiconductor FSB50325AS Datasheet HTML 7Page - ON Semiconductor FSB50325AS Datasheet HTML 8Page - ON Semiconductor FSB50325AS Datasheet HTML 9Page - ON Semiconductor FSB50325AS Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
©2012 Fairchild Semiconductor Corporation
5
www.fairchildsemi.com
FSB50325A, FSB50325AT, FSB50325AS Rev. C5
Recommended Operating Condition
Figure 2. Built-in Bootstrap Diode Characteristics (Typical)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VPN
Supply Voltage
Applied Between P and N
-
150
200
V
VCC
Control Supply Voltage
Applied Between VCC and COM
13.5
15.0
16.5
V
VBS
High-Side Bias Voltage
Applied Between VB and VS
13.5
15.0
16.5
V
VIN(ON)
Input ON Threshold Voltage
Applied Between IN and COM
3.0
-
VCC
V
VIN(OFF)
Input OFF Threshold Voltage
0
-
0.6
V
tdead
Blanking Time for Preventing
Arm-Short
VCC = VBS = 13.5 ~ 16.5 V, TJ 150°C
1.0
-
-
s
fPWM
PWM Switching Frequency
TJ 150°C
-
15
-
kHz
01
23
456
78
9
10
11
12
13
14
15
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Built-in Bootstrap Diode V
F
-I
F
Characteristic
V
F
[V]
Tc=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com