Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSB50450AS Datasheet(PDF) 5 Page - ON Semiconductor

Part # FSB50450AS
Description  Motion SPM 5 Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB50450AS Datasheet(HTML) 5 Page - ON Semiconductor

  FSB50450AS Datasheet HTML 1Page - ON Semiconductor FSB50450AS Datasheet HTML 2Page - ON Semiconductor FSB50450AS Datasheet HTML 3Page - ON Semiconductor FSB50450AS Datasheet HTML 4Page - ON Semiconductor FSB50450AS Datasheet HTML 5Page - ON Semiconductor FSB50450AS Datasheet HTML 6Page - ON Semiconductor FSB50450AS Datasheet HTML 7Page - ON Semiconductor FSB50450AS Datasheet HTML 8Page - ON Semiconductor FSB50450AS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
©2012 Fairchild Semiconductor Corporation
4
www.fairchildsemi.com
FSB50450A / FSB50450AS / FSB50450AT Rev. 1.7
Electrical Characteristics (T
J = 25°C, VCC = VBS = 15 V unless otherwise specified.)
Inverter Part (each MOSFET unless otherwise specified.)
Control Part (each HVIC unless otherwise specified.)
Bootstrap Diode Part (each bootstrap diode unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ Max
Unit
BVDSS
Drain - Source
Breakdown Voltage
VIN = 0 V, ID = 1 mA (2nd Note 1)
500
-
-
V
IDSS
Zero Gate Voltage
Drain Current
VIN = 0 V, VDS = 500 V
-
-
1
mA
RDS(on)
Static Drain - Source
Turn-On Resistance
VCC = VBS = 15 V, VIN = 5 V, ID = 1.0 A
-
1.9
2.4
VSD
Drain - Source Diode
Forward Voltage
VCC = VBS = 15V, VIN = 0 V, ID = -1.0 A
-
-
1.2
V
tON
Switching Times
VPN = 300 V, VCC = VBS = 15 V, ID = 1.0 A
VIN = 0 V  5 V, Inductive Load L = 3 mH
High- and Low-Side MOSFET Switching
(2nd Note 2)
-
1250
-
ns
tOFF
-
680
-
ns
trr
-
200
-
ns
EON
-60-
J
EOFF
-10-
J
RBSOA
Reverse Bias Safe Oper-
ating Area
VPN = 400 V, VCC = VBS = 15 V, ID = IDP, VDS = BVDSS,
TJ = 150°C
High- and Low-Side MOSFET Switching (2nd Note 3)
Full Square
Symbol
Parameter
Conditions
Min
Typ Max
Unit
IQCC
Quiescent VCC Current
VCC = 15 V,
VIN = 0 V
Applied between VCC and COM
-
-
200
A
IQBS
Quiescent VBS Current
VBS = 15 V,
VIN = 0 V
Applied between VB(U) - U,
VB(V) - V, VB(W) - W
-
-
100
A
IPCC
Operating
VCC
Supply
Current
VCC - COM
VCC = 15 V, fPWM = 20 kHz, duty
= 50%, Applied to One PWM Sig-
nal Input for Low-Side
-
-
800
A
IPBS
Operating
VBS
Supply
Current
VB(U) - VS(U), VB(V)
- VS(V), VB(W) -
VS(W)
VCC = VBS = 15 V, fPWM = 20 kHz,
Duty = 50%, Applied to One PWM
Signal Input for High-Side
-
-
700
A
UVCCD
Low-Side Under-Voltage
Protection (Figure 8)
VCC Under-Voltage Protection Detection Level
7.4
8.0
9.4
V
UVCCR
VCC Under-Voltage Protection Reset Level
8.0
8.9
9.8
V
UVBSD
High-Side Under-Voltage
Protection (Figure 9)
VBS Under-Voltage Protection Detection Level
7.4
8.0
9.4
V
UVBSR
VBS Under-Voltage Protection Reset Level
8.0
8.9
9.8
V
VTS
HVIC Temperature Sens-
ing Voltage Output
VCC = 15 V, THVIC = 25°C (2nd Note 4)
600
790
980
mV
VIH
ON Threshold Voltage
Logic HIGH Level
Applied between VIN and COM
--
2.9
V
VIL
OFF Threshold Voltage
Logic LOW Level
0.8
-
-
V
Symbol
Parameter
Conditions
Min
Typ Max
Unit
VFB
Forward Voltage
IF = 0.1 A, TC = 25°C (2nd Note 5)
-
2.5
-
V
trrB
Reverse Recovery Time
IF = 0.1 A, TC = 25°C
-
80
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com