Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z16F28WF100MODG Datasheet(PDF) 4 Page - Zilog, Inc.

Part # Z16F28WF100MODG
Description  Mini-Z??Solid State Relay Design Board
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z16F28WF100MODG Datasheet(HTML) 4 Page - Zilog, Inc.

  Z16F28WF100MODG Datasheet HTML 1Page - Zilog, Inc. Z16F28WF100MODG Datasheet HTML 2Page - Zilog, Inc. Z16F28WF100MODG Datasheet HTML 3Page - Zilog, Inc. Z16F28WF100MODG Datasheet HTML 4Page - Zilog, Inc. Z16F28WF100MODG Datasheet HTML 5Page - Zilog, Inc. Z16F28WF100MODG Datasheet HTML 6Page - Zilog, Inc. Z16F28WF100MODG Datasheet HTML 7Page - Zilog, Inc. Z16F28WF100MODG Datasheet HTML 8Page - Zilog, Inc. Z16F28WF100MODG Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RD000703-0814
Page 4 of 11
Mini-Z™ Solid State Relay Design Board
Reference Design
Electrical Specifications
Stresses greater than those listed in Table 3 may cause permanent damage to the device.
These ratings are stress ratings only. Operation of the device at any condition outside those
indicated in the operational sections of these specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods affects device reliability. For
improved reliability, unused inputs must be tied to one of the supply voltages (VDD or
VSS).
Table 3 describes the electrical characteristics of the Mini-Z Solid State Relay Design
Board and reflects all available data as a result of testing prior to qualification and charac-
terization. As such, the data presented in Table 3 is subject to change.
Table 4 describes the electrical characteristics of the Mini-Z Solid State Relay Design
Board under load conditions. For more information, please see the CPC1020N Single-
Pole, Normally Open 4-Lead SOP OptoMOS Relay Data Sheet (CPC1020N), available
from the clare.com website.
Table 3. Electrical Specifications for the Mini-Z Solid State Relay Design Board
Parameter
Min
Max
Units
Notes
VIN range
20
Volts
Module-dependent.
Max voltage range, all other pins
–0.3
5.5
Volts
I/O pins and Reset.
Max current for I/O pin connection points
–25
25
Milliamps
(mA)
Max VIN current
1
Amps
Ambient temperature
–40
105
Degrees
Celsius
Storage temperature
–65
150
Degrees
Celsius
Table 4. Electrical Characteristics for the Mini-Z Solid State Relay Design Board
Parameter
Condition
Symbol
Min
Typ
Max
Units
Max Voltage
VMAX
30
V
Load Current
IL
1.2
ADC
On-Resistance
IL = 1A
RON
0.116
.25
Ohms
Off-State Leakage
VL=30v
ILEAK
1µA
Switching Speeds
Turn-On
VL=10V
tON
0.48
3
ms
Turn-Off
tOFF
0.65
3
Output Capacitance
VL=30V, f=1MHz
COUT
70
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com